Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLR473M80V22X25X30X40F Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NRLR473M80V22X25X30X40F
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLR473M80V22X25X30X40F Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NRLR473M80V22X25X30X40F Datasheet HTML 3Page - NIC-Components Corp. NRLR473M80V22X25X30X40F Datasheet HTML 4Page - NIC-Components Corp. NRLR473M80V22X25X30X40F Datasheet HTML 5Page - NIC-Components Corp. NRLR473M80V22X25X30X40F Datasheet HTML 6Page - NIC-Components Corp. NRLR473M80V22X25X30X40F Datasheet HTML 7Page - NIC-Components Corp. NRLR473M80V22X25X30X40F Datasheet HTML 8Page - NIC-Components Corp. NRLR473M80V22X25X30X40F Datasheet HTML 9Page - NIC-Components Corp. NRLR473M80V22X25X30X40F Datasheet HTML 10Page - NIC-Components Corp. NRLR473M80V22X25X30X40F Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
159
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
W.V.
Cap (
µF)
Case Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
385
330
25x45
0.754
0.580
1.80
2.52
30x35
0.754
0.580
1.85
2.59
35x30
0.754
0.580
1.87
2.61
390
25x50
0.638
0.491
2.04
2.85
30x40
0.638
0.491
2.05
2.87
35x35
0.638
0.491
2.07
2.89
470
30x45
0.530
0.408
2.26
3.16
35x35
0.530
0.408
2.26
3.16
560
30x50
0.445
0.342
2.57
3.59
35x40
0.445
0.342
2.59
3.62
680
35x45
0.366
0.282
2.80
3.92
400
68
20x25
3.658
2.814
0.75
1.05
82
20x30
3.033
2.333
0.82
1.14
22x25
3.033
2.333
0.84
1.17
100
20x30
2.487
1.913
0.95
1.33
22x30
2.487
1.913
0.99
1.38
120
20x35
2.073
1.595
1.07
1.49
22x30
2.073
1.595
1.09
1.52
25x25
2.073
1.595
1.13
1.58
150
20x40
1.658
1.276
1.22
1.70
22x35
1.658
1.276
1.24
1.73
25x30
1.658
1.276
1.27
1.77
180
22x40
1.382
1.063
1.41
1.97
25x30
1.382
1.063
1.44
2.01
30x25
1.382
1.063
1.52
2.12
220
22x45
1.131
0.870
1.58
2.21
25x35
1.131
0.870
1.64
2.29
30x30
1.131
0.870
1.66
2.32
270
25x40
0.922
0.709
1.79
2.50
30x30
0.922
0.709
1.82
2.54
330
25x45
0.754
0.580
2.00
2.80
30x35
0.754
0.580
2.05
2.87
35x30
0.754
0.580
2.05
2.87
390
30x40
0.638
0.491
2.26
3.16
35x35
0.638
0.491
2.28
3.19
470
30x45
0.530
0.408
2.51
3.51
35x40
0.530
0.408
2.54
3.55
560
30x50
0.445
0.342
2.85
3.99
35x40
0.445
0.342
2.85
3.99
680
35x50
0.366
0.282
3.10
4.34
Large Can Aluminum Electrolytic Capacitors
NRLR Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
420
68
20x25
6.096
4.689
0.70
0.98
82
20x30
5.055
3.889
0.80
1.12
22x25
5.055
3.889
0.85
1.19
100
20x35
4.145
3.189
0.90
1.26
22x30
4.145
3.189
0.97
1.35
25x25
4.145
3.189
0.98
1.37
120
20x35
3.454
2.657
1.04
1.45
22x30
3.454
2.657
1.07
1.49
25x25
3.454
2.657
1.08
1.51
150
20x40
2.764
2.126
1.17
1.63
22x35
2.764
2.126
1.21
1.69
25x30
2.764
2.126
1.26
1.76
30x25
2.764
2.126
1.30
1.82
180
22x40
2.303
1.772
1.33
1.86
25x35
2.303
1.772
1.42
1.98
30x25
2.303
1.772
1.48
2.07
420Vdc Continued on next page


Similar Part No. - NRLR473M80V22X25X30X40F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLR473M10V25X50SF NIC-NRLR473M10V25X50SF Datasheet
126Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR473M10V30X40SF NIC-NRLR473M10V30X40SF Datasheet
126Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR473M10V35X35SF NIC-NRLR473M10V35X35SF Datasheet
126Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR473M16V30X45SF NIC-NRLR473M16V30X45SF Datasheet
126Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR473M16V35X35SF NIC-NRLR473M16V35X35SF Datasheet
126Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLR473M80V22X25X30X40F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com