Electronic Components Datasheet Search |
|
NRLFW680M400V25X20F Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NRLFW680M400V25X20F Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 2 page 165 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com Large Can Aluminum Electrolytic Capacitors FEATURES • LOW PROFILE (20mm HEIGHT) • EXTENDED TEMPERATURE RATING +105°C • LOW DISSIPATION FACTOR AND LOW ESR • HIGH RIPPLE CURRENT • WIDE CV SELECTION • SUITABLE FOR SWITCHING POWER SUPPLIES NRLFW Series SPECIFICATIONS MECHANICAL CHARACTERISTICS: 1. Pressure Vent: The capacitors are provided with a pressure sensitive safety vent on the top of can. The vent is designed to rupture in the event that high internal gas pressure is developed by circuit malfunction or mis-use like reverse voltage. 2. Terminal Strength: Each terminal of the capacitor shall withstand an axial pull force of 4.5Kg for a period 10 seconds or a radial bent force of 2.5Kg for a period of 30 seconds. Sleeve Color: Dark Blue Minus Polarity Marking Insulation Sleeve (4.0mm Leads Available As Option) L ± 2.0 Max. 6.3 ± 1.0 Can Top Vent 10.0 ∅d ± 1.0 10.0 ± 0.1 pcb hole spacing (∅D) Top of Spin Max. 2.0 Terminal (t=0.8) *NON-STANDARD VOLTAGES FOR THIS SERIES 1.5 Operating Temperature Range -40 ~ +105°C -25 ~ +105°C Rated Voltage Range 16 ~ 250Vdc 400Vdc Rated Capacitance Range 68 ~ 10,000 µF 33 ~ 100 µF Capacitance Tolerance ±20% (M) Max. Leakage Current ( µA) After 5 minutes (20°C) 3 x C( µF)V Max. Tan δ at 120Hz/20°C W.V. (Vdc) 16 25 35 50 63 80 100 ~ 400 Tan δ max. 0.45 0.35 0.30 0.25 0.20 0.17 0.15 Surge Voltage W.V. (Vdc) 16 25 35 50 63 80 100 S.V. (Vdc) 20 32 44 63 79 100 125 W.V. (Vdc) 160 200 250 400 400 - - S.V. (Vdc) 220 250 300 400 450 - - Ripple Current Correction Factors Frequency (Hz) 50 60 100 120 500 1K 10K ~ 50K Multiplier at 105°C 16 ~ 100Vdc 0.93 0.95 0.99 1.00 1.05 1.08 1.15 160 ~ 400Vdc 0.75 0.80 0.95 1.00 1.20 1.25 1.40 Low Temperature Stability (16 to 250Vdc) Temperature (°C) 0 -25 -40 - - - - Capacitance Change -5% -10 -30% - - - - Impedance Ratio 1.5 3 9 - - - - Load Life Test 2,000 hours at +105°C Capacitance Change Within ±20% of initial measured value Tan δ Less than 200% of specified maximum value Leakage Current Less than specified maximum value Shelf Life Test 1,000 hours at +105°C (no load) Capacitance Change Within ±20% of initial measured value Tan δ Less than 200% of specified maximum value Leakage Current Less than specified maximum value Surge Voltage Test Per JIS-C-5141 (table #6, #4) Surge voltage applied: 30 seconds "On" and 5.5 minutes no voltage "Off" Capacitance Change Within ±20% of initial measured value Tan δ Less than 200% of specified maximum value Leakage Current Less than specified maximum value Soldering Effect Refer to MIL-STD-202F Method 210A Capacitance Change Within ±10% of initial measured value Tan δ Less than specified maximum value Leakage Current Less than specified maximum value PRECAUTIONS Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC’s Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com RoHS Compliant includes all homogeneous materials *See Part Number System for Details |
Similar Part No. - NRLFW680M400V25X20F |
|
Similar Description - NRLFW680M400V25X20F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |