Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIP3208-A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PIP3208-A
Description  PowerMOS transistor TOPFET high side switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3208-A Datasheet(HTML) 6 Page - NXP Semiconductors

  PIP3208-A Datasheet HTML 1Page - NXP Semiconductors PIP3208-A Datasheet HTML 2Page - NXP Semiconductors PIP3208-A Datasheet HTML 3Page - NXP Semiconductors PIP3208-A Datasheet HTML 4Page - NXP Semiconductors PIP3208-A Datasheet HTML 5Page - NXP Semiconductors PIP3208-A Datasheet HTML 6Page - NXP Semiconductors PIP3208-A Datasheet HTML 7Page - NXP Semiconductors PIP3208-A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
PIP3208-A
TOPFET high side switch
OVERLOAD PROTECTION CHARACTERISTICS
5.5 V
≤ V
BG ≤ 35 V, limits are at -40˚C ≤ Tmb ≤ 150˚C and typicals at Tmb = 25 ˚C unless otherwise stated.
Refer to TRUTH TABLE.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Overload protection
V
BL = VBG
I
L(lim)
Load current limiting
V
BG ≥ 9 V
6
9
12
A
Short circuit load protection
V
BL(TO)
Battery load threshold voltage
1
V
BG = 16 V
8
10
12
V
V
BG = 35 V
15
20
25
V
t
d sc
Response time
2
V
BL > VBL(TO)
-
180
250
µs
Overtemperature protection
T
j(TO)
Threshold junction
150
170
190
˚C
temperature
3
∆T
j(TO)
Hysteresis
-
10
-
˚C
SWITCHING CHARACTERISTICS
T
mb = 25 ˚C, 9 V ≤ VBG ≤ 16 V, for resistive load RL = 13 Ω.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
During turn-on
to V
IG = 5 V
t
d on
Delay time
to 10% V
L
-28
40
µs
dV/dt
on
Rate of rise of load voltage
30% to 70% V
L
-
0.75
1
V/
µs
t
on
Total switching time
to 90% V
L
-60
90
µs
During turn-off
to V
IG = 0 V
t
d off
Delay time
to 90% V
L
-36
54
µs
dV/dt
off
Rate of fall of load voltage
70% to 30% V
L
-
0.75
1
V/
µs
t
off
Total switching time
to 10% V
L
-60
90
µs
CAPACITANCES
T
mb = 25 ˚C; f = 1 MHz; VIG = 0 V.
designed in parameters.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
C
ig
Input capacitance
V
BG = 13 V
-
15
20
pF
C
bl
Output capacitance
V
BL = 13 V
-
100
140
pF
C
sg
Status capacitance
V
SG = 5 V
-
11
15
pF
1 The battery to load threshold voltage for short circuit protection is proportional to the battery supply voltage. After short circuit protection has
operated, the input voltage must be toggled low for the switch to resume normal operation.
2 Measured from when the input goes high.
3 After cooling below the reset temperature the switch will resume normal operation.
July 2001
6
Rev 1.000


Similar Part No. - PIP3208-A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3201-A PHILIPS-PIP3201-A Datasheet
196Kb / 13P
   PowerMOS transistor TOPFET high side switch
May 2001 Rev 1.010
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
PIP3203-A PHILIPS-PIP3203-A Datasheet
48Kb / 8P
   TOPFET high side switch
October 2001-Rev 1.000
PIP3206-R PHILIPS-PIP3206-R Datasheet
44Kb / 8P
   TOPFET high side switch SMD version
October 2001-Rev 1.000
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.100
More results

Similar Description - PIP3208-A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK203-50Y PHILIPS-BUK203-50Y Datasheet
120Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
BUK201-50X PHILIPS-BUK201-50X Datasheet
126Kb / 13P
   PowerMOS transistor TOPFET high side switch
July 1996 Rev 1.000
BUK219-50Y PHILIPS-BUK219-50Y Datasheet
48Kb / 8P
   PowerMOS transistor TOPFET high side switch
July 2001-Rev 2.000
BUK203-50X PHILIPS-BUK203-50X Datasheet
123Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 1 Rev 1.100
BUK200-50Y PHILIPS-BUK200-50Y Datasheet
126Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.000
BUK202-50Y PHILIPS-BUK202-50Y Datasheet
122Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
PIP3201-A PHILIPS-PIP3201-A Datasheet
196Kb / 13P
   PowerMOS transistor TOPFET high side switch
May 2001 Rev 1.010
BUK223-50Y PHILIPS-BUK223-50Y Datasheet
52Kb / 8P
   PowerMOS transistor TOPFET high side switch
November 2002-Rev 2.000
BUK201-50Y PHILIPS-BUK201-50Y Datasheet
124Kb / 13P
   PowerMOS transistor TOPFET high side switch
July 1996 Rev 1.000
BUK210-50Y PHILIPS-BUK210-50Y Datasheet
197Kb / 13P
   PowerMOS transistor TOPFET high side switch
November 2002-Rev 2.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com