Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRB-XS820M250V16X25F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRB-XS820M250V16X25F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRB-XS820M250V16X25F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRB-XS820M250V16X25F Datasheet HTML 1Page - NIC-Components Corp. NRB-XS820M250V16X25F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
68
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
69
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Rated Voltage Range
160 ~ 450VDC
Capacitance Range
1.0 ~ 220
µF
Operating Temperature Range
-25°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current @ +20°C
CV < 1,000
µF
CV > 1,000
µF
0.1CV +40
µA (1 minute)
0.03CV +15
µA (5 minutes)
0.04CV +100
µA (1 minute)
0.02CV +25
µA (5 minutes)
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
160
200
250
350
400
450
S.V. (Vdc)
200
250
300
400
450
500
Tan
δ
0.15
0.15
0.15
0.20
0.20
0.20
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
3
3
6
6
6
Load Life at W.V. & 105°C
8x11.5mm, 10x12.5mm: 5,000 Hours
10x16mm, 10x20mm: 8,000 Hours
φD > 12.5mm: 10,000 Hours
∆ Capacitance
Within ±20% of initial measured value
∆ Tan δ
Less than 200% of specified value
∆ LC
Less than specified value
Cap. (
µF)
Working Voltage (Vdc)
160
200
250
350
400
450
1.0
-
-
-
-
60
-
70
1.5
-
-
-
-
90
-
100
1.8
-
-
-
-
95
-
120
2.2
-
-
-
-
95
-
140
3.3
-
-
-
-
150
-
180
4.7
-
-
160
150
220
220
5.6
-
-
-
180
250
250
6.8
-
-
250
280
280
280
10
320
320
320
350
350
450
15
-
-
-
-
550
600
22
500
500
500
650
760
730
33
650
650
800
900
900
980
47
750
980
980 1080 1180 1200
68
1180 1300 1300 1470 1470
-
82
-
1380 1380 1530
-
-
100
1420 1420 1530
-
-
-
150
1890 1890 1940
-
-
-
220
2370
-
-
-
-
-
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA AT 100KHz AND 105°C)
Miniature Aluminum Electrolytic Capacitors
NRB-XS Series
Cap. (
µF)
Working Voltage (Vdc)
160
200
250
350
400
450
1.0
-
-
-
-
332
-
1.5
-
-
-
-
221
-
1.8
-
-
-
-
184
-
2.2
-
-
-
-
151
-
3.3
-
-
-
-
101
-
4.7
-
-
52.9 70.6 70.6 70.6
5.6
-
-
-
59.2 59.2 59.2
6.8
-
-
36.6 48.8 48.8 48.8
10
24.9 24.9 24.9 33.2 33.2 33.2
15
-
-
-
-
22.1 22.1
22
11.3 11.3 11.3 15.1 15.1 15.1
33
7.54 7.54 7.54 10.1 10.1 10.1
47
5.29 5.29 5.29 7.06 7.06 7.06
68
3.66 3.66 3.66 4.88 4.88
-
82
-
3.03 3.03 4.05
-
-
100
2.49 2.49 2.49
-
-
-
150
1.66 1.66 1.66
-
-
-
220
1.13
-
-
-
-
-
MAXIMUM ESR
(
Ω AT 120Hz AND 20°C)
PART NUMBER SYSTEM
NRB-XS 1R0 M 400V 8X11.5 F .
RoHS Compliant
Case Size (D
φ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
Capacitance Code: First 2 characters
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Tolerance Code (M=20%)
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Working Voltage (Vdc)
RoHS Compliant
Case Size (D
Case Size (D
RoHS Compliant
RoHS Compliant
CHARACTERISTICS
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED
FEATURES
• HIGH RIPPLE CURRENT AT HIGH TEMPERATURE (105°C)
• IDEAL FOR HIGH VOLTAGE LIGHTING BALLAST
• REDUCED SIZE (FROM NRBX)
Cap. (
µF)
120Hz
1KHz
10KHz
100KHz ~ up
1 ~ 4.7
0.2
0.4
0.8
1.0
6.8 ~ 15
0.3
0.6
0.9
1.0
22 ~ 82
0.4
0.7
0.9
1.0
100 ~ 220
0.45
0.75
0.9
1.0
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NRB-XS820M250V16X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRB-XS820M250V16X25F NIC-NRB-XS820M250V16X25F Datasheet
160Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRB-XS820M250V16X25F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com