Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH1V36CAM-6 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MH1V36CAM-6
Description  FAST PAGE MODE 37748736-BIT ( 1048576-WORD BY 36-BIT ) DYNAMIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH1V36CAM-6 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MH1V36CAM-6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH1V36CAM-6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH1V36CAM-6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH1V36CAM-6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH1V36CAM-6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH1V36CAM-6 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH1V36CAM-6 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH1V36CAM-6 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH1V36CAM-6 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MITSUBISHI
ELECTRIC
FAST PAGE MODE 37748736-BIT ( 1048576-WORD BY 36-BIT ) DYNAMIC RAM
MH1V36CAM-6,-7
MITSUBISHI LSIs
Preliminary Spec.
Some of contents are subject to change without notice.
MIT-DS-0027-0.0
21 May 1996
(
/ 18 )
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Vcc
VI
V0
I0
Pd
Topr
Tstg
Parameter
Conditions
Ratings
Unit
V
V
V
mA
W
-0.5 ~ 4.6
50
3
0 ~ 70
-40 ~ 100
With respect to Vss
Ta=25°C
Supply voltage
Input voltage
Output voltage
Output current
Power dissipation
Operating temperature
Storage temperature
RECOMMENDED OPERATING CONDITIONS
Unit
Limits
Min
Nom
Max
V
V
V
V
3.6
0
0.8
3.3
0
3.0
0
2.0
-0.3
Parameter
Supply voltage
Supply voltage
High-level input voltage, all inputs
Low-level input voltage, all inputs
Vcc
Symbol
Vss
VIH
VIL
(Ta=0 ~70 °C
, unless otherwise noted) (Note 1)
Note 1 : All voltage values are with respect to Vss
ELECTRICAL CHARACTERISTICS
(Ta=0 ~70 °C, Vcc=3.3V+/- 0.3V, Vss=0V, unless otherwise noted) (Note 2)
CAPACITANCE (Ta=0~70°C , Vcc=3.3V+/-0.3V, Vss=0V, unless otherwise noted)
Symbol
VOH
VOL
IOZ
I I
ICC1 (AV)
ICC2
ICC3 (AV)
ICC4(AV)
ICC6(AV)
High-level output voltage
Parameter
Limits
Min
Max
Unit
Typ
Test conditions
Low-level output voltage
Off-state output current
Input current
Average supply
current
from Vcc operating
(Note 3,4,*)
(Note 3,*)
(Note 3,4,*)
(Note 3,5,*)
Supply current from Vcc , stand-by
Average supply
current
from Vcc
refreshing
Average supply current
from Vcc
Fast-Page-Mode
Average supply current
from Vcc
CAS before RAS refresh
mode
-6
-7
IOH=-2.0mA
IOL=2.0mA
Q floating 0V
≤VOUT≤3.3V
0V
≤VIN≤3.6V, Other inputs pins=0V
RAS, CAS cycling
tRC=tWC=min.
output open
RAS= CAS =VIH, output open
RAS= CAS
≥Vcc -0.2V, output open
RAS cycling, CAS= VIH
tRC=min.
output open
RAS=VIL, CAS cycling
tPC=min.
output open
CAS before RAS refresh cycling
tRC=min.
output open
V
V
mA
mA
mA
mA
mA
Vcc
0.4
10
30
380
6
1.5
380
330
210
190
370
320
2.4
0
-10
-30
Note 2: Current flowing into an IC is positive, out is negative.
3: Icc1 (AV), Icc3 (AV) , Icc4 (AV) and Icc6 (AV) are dependent on cycle rate. Maximum current is measured at the fastest cycle rate.
4: Icc1 (AV) and Icc4 (AV) are dependent on output loading. Specified values are obtained with the output open.
*: Column Address can be channged once or less while RAS=VIL and LCAS/UCAS=VIH
Limits
Min
Max
Unit
Typ
pF
pF
pF
pF
pF
pF
Input capacitance,
address inputs
CI (A)
CI (OE)
CI (RAS)
CI (W)
CI (CAS)
CI / O
Symbol
Parameter
Test conditions
Input capacitance, OE input
Input capacitance, write control input
Input capacitance, RAS input
Input capacitance, CAS input
Input/Output capacitance, data ports
50
55
55
50
40
VI=Vss
f=1MHZ
Vi=25mVrms
55
330
-0.5 ~ 4.6
-0.5 ~ 4.6
Vcc+0.3
°C
°C
-6
-7
-6
-7
-6
-7


Similar Part No. - MH1V36CAM-6

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
   1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
Heyco.
MH1 HEYCO-MH1 Datasheet
104Kb / 1P
   Shorty Cable Holders
logo
Advanced Energy Industr...
MH100 ADVANCEDENERGY-MH100 Datasheet
302Kb / 4P
   VERSATILE HIGH VOLTAGE POWER SUPPLY MODULES
logo
Bourns Electronic Solut...
MH1005 BOURNS-MH1005 Datasheet
868Kb / 4P
   MH1005 Series High Current Chip Ferrite Beads
REV. 06/22
MH1005-121Y BOURNS-MH1005-121Y Datasheet
868Kb / 4P
   MH1005 Series High Current Chip Ferrite Beads
REV. 06/22
More results

Similar Description - MH1V36CAM-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH1M365CXJ-5 MITSUBISHI-MH1M365CXJ-5 Datasheet
215Kb / 15P
   HYPER PAGE MODE 37748736-BIT ( 1048576-WORD BY 36-BIT ) DYNAMIC RAM
MH1M144CXTJ-6 MITSUBISHI-MH1M144CXTJ-6 Datasheet
115Kb / 14P
   FAST PAGE MODE 150994944-BIT (1048576-WORD BY 144-BIT)DYNAMIC RAM
M5M44400BJ MITSUBISHI-M5M44400BJ Datasheet
1Mb / 24P
   FAST PAGE MODE 4194304-BIT(1048576-WORD BY 4-BIT)DYNAMIC RAM
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH4V36AM-6 MITSUBISHI-MH4V36AM-6 Datasheet
190Kb / 18P
   FAST PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
logo
OKI electronic componet...
MSC23B136D OKI-MSC23B136D Datasheet
298Kb / 9P
   1,048,576 Word By 36 Bit DYNAMIC RAM MODULE : FAST PAGE MODE
logo
Mitsubishi Electric Sem...
M5M4V4405CJ MITSUBISHI-M5M4V4405CJ Datasheet
299Kb / 27P
   EDO (HYPER PAGE MODE) 4194304-BIT(1048576-WORD BY 4-BIT) DYNAMIC RAM
M5M44405CJ MITSUBISHI-M5M44405CJ Datasheet
246Kb / 27P
   EDO ( HYPER PAGE MODE ) 4194304-BIT ( 1048576-WORD BY 4-BIT ) DYNAMIC RAM
logo
OKI electronic componet...
MSC23836B OKI-MSC23836B Datasheet
234Kb / 9P
   8,388,608 Word By 36 Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23436B OKI-MSC23436B Datasheet
218Kb / 9P
   4,194,304 Word By 36-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com