Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFL-007988-0027TB Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAFL-007988-0027TB
Description  CATV Diplex Filter 5 - 65 / 88 - 1000MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAFL-007988-0027TB Datasheet(HTML) 4 Page - Tyco Electronics

  MAFL-007988-0027TB Datasheet HTML 1Page - Tyco Electronics MAFL-007988-0027TB Datasheet HTML 2Page - Tyco Electronics MAFL-007988-0027TB Datasheet HTML 3Page - Tyco Electronics MAFL-007988-0027TB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CATV Diplex Filter
5 - 65 / 88 - 1000MHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
4
MAFLCT0027
V1
High Pass Filter Insertion Loss
Typical Performance Curves
Low Pass Filter Insertion Loss
Input Return Loss
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
110
100
1000
dB
Frequency (MHz)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1
10
100
1000
dB
Frequency (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
110
100
1000
dB
Frequency (MHz)
1000
1000
0


Similar Part No. - MAFL-007988-0027TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-007988-0027TB MA-COM-MAFL-007988-0027TB Datasheet
75Kb / 4P
   CATV Diplex Filter 5 - 65 / 88 - 1000MHz
More results

Similar Description - MAFL-007988-0027TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFLCT0027 MA-COM-MAFLCT0027 Datasheet
75Kb / 4P
   CATV Diplex Filter 5 - 65 / 88 - 1000MHz
MAFL-007988-CD0550 MA-COM-MAFL-007988-CD0550 Datasheet
115Kb / 3P
   CATV Diplex Filter 5-65 / 88-1000 MHz
logo
Tyco Electronics
MAFL-007988-CD0550 MACOM-MAFL-007988-CD0550 Datasheet
84Kb / 4P
   CATV Diplex Filter 5 -65 / 88- 1000 MHz
MAFL-007654-CD0A10 MACOM-MAFL-007654-CD0A10 Datasheet
124Kb / 4P
   CATV Diplex Filter 5 - 42 / 54 - 1000MHz
logo
M/A-COM Technology Solu...
MAFL-007654-CD0A10 MA-COM-MAFL-007654-CD0A10 Datasheet
113Kb / 4P
   CATV Diplex Filter 5 - 42 / 54 - 1000MHz
MAFL-009217-CD0AC0 MA-COM-MAFL-009217-CD0AC0 Datasheet
110Kb / 5P
   CATV Diplex Filter
DS-MAFL-011015_V1 MA-COM-DS-MAFL-011015_V1 Datasheet
716Kb / 4P
   CATV Diplex Filter
MAFL-008098-CD0550-V3 MA-COM-MAFL-008098-CD0550-V3 Datasheet
286Kb / 4P
   CATV Diplex Filter
MAFL-009810-CD0550 MA-COM-MAFL-009810-CD0550 Datasheet
125Kb / 4P
   CATV Diplex Filter
MAFL-007654-CD0A10 MA-COM-MAFL-007654-CD0A10_15 Datasheet
133Kb / 4P
   CATV Diplex Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com