Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAIA-007775-0001TR Datasheet(PDF) 8 Page - Tyco Electronics

Part # MAIA-007775-0001TR
Description  Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAIA-007775-0001TR Datasheet(HTML) 8 Page - Tyco Electronics

Back Button MAIA-007775-0001TR Datasheet HTML 4Page - Tyco Electronics MAIA-007775-0001TR Datasheet HTML 5Page - Tyco Electronics MAIA-007775-0001TR Datasheet HTML 6Page - Tyco Electronics MAIA-007775-0001TR Datasheet HTML 7Page - Tyco Electronics MAIA-007775-0001TR Datasheet HTML 8Page - Tyco Electronics MAIA-007775-0001TR Datasheet HTML 9Page - Tyco Electronics MAIA-007775-0001TR Datasheet HTML 10Page - Tyco Electronics MAIA-007775-0001TR Datasheet HTML 11Page - Tyco Electronics MAIA-007775-0001TR Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
! "
#
$ $
% % %
&
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
' (
&
4G ?
&1
8
9 .
' /) -.+/6
:
8 +6-- 7;
<
=
>?@-
>?B-
>?A-
>?)-
>?6-
>?4-
>?(-
@)-
@A-
@B-
@@-
@C-
C--
C?-
C(-
C4-
C6-
C)-
CA-
5 =2
D "# 7;$
4
<
+
-
)
?-
?)
(-
()
4-
4)
6-
@)-
@A-
@B-
@@-
@C-
C--
C?-
C(-
C4-
C6-
C)-
CA-
5 =2
D "
#7;$
:
' /A
:
' /6
:
' /(
?
9 :
' /6


Similar Part No. - MAIA-007775-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAIA-007775-0001TR MA-COM-MAIA-007775-0001TR Datasheet
199Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
More results

Similar Description - MAIA-007775-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAIA-007859-000100 MACOM-MAIA-007859-000100 Datasheet
396Kb / 12P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
MAIA-007860-000100 MACOM-MAIA-007860-000100 Datasheet
407Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007775-000100 MA-COM-MAIA-007775-000100 Datasheet
199Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
MAIA-007860-000100 MA-COM-MAIA-007860-000100 Datasheet
202Kb / 14P
   Receive I/Q Module Using Low Barrier Schottky Mixers 850 - 960 MHz
MAIA-007859-000100 MA-COM-MAIA-007859-000100 Datasheet
204Kb / 12P
   Receive I/Q Module Using Medium Barrier Schottky Mixers 850 - 960 MHz
MAMO-00900-1291HT MA-COM-MAMO-00900-1291HT Datasheet
159Kb / 7P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900H-1291T MACOM-MA4IQP900H-1291T Datasheet
145Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
MAMO-000900-1291LT MACOM-MAMO-000900-1291LT Datasheet
253Kb / 7P
   I/Q Modulator/Demodulator 850 - 960 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com