Electronic Components Datasheet Search |
|
NRSJ152M16V10X20TBF Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NRSJ152M16V10X20TBF Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 2 page 108 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com 109 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com MAXIMUM IMPEDANCE ( Ω AT 100KHz/20°C) MAXIMUM RIPPLE CURRENT (mA AT 100KHz/105°C) NRSJ Series Miniature Aluminum Electrolytic Capacitors ULTRA LOW IMPEDANCE AT HIGH FREQUENCY, RADIAL LEADS • VERY LOW IMPEDANCE • LONG LIFE AT 105°C (2000 hrs.) • HIGH STABILITY AT LOW TEMPERATURE FEATURES CHARACTERISTICS RoHS Compliant includes all homogeneous materials *See Part Number System for Details PRECAUTIONS Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC’s Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com Rated Voltage Range 6.3 ~ 50Vdc Capacitance Range 100 ~ 2,700 µF Operating Temperature Range -25° ~ +105°C Capacitance Tolerance ±20% (M) Maximum Leakage Current After 2 Minutes at 20°C 0.01CV or 3 µA whichever is greater Max. Tan δ at 120Hz/20°C W.V. (Vdc) 6.3 10 16 25 35 50 S.V. (Vdc) 8 13 20 32 44 63 C < 1,500 µF 0.22 0.19 0.16 0.14 0.12 0.10 C = 2,200 µF ~ 2,700µF 0.24 0.21 0.18 0.16 - - Low Temperature Stability Impedance Ratio @ 120Hz Z-25°C/Z+20°C 3 3 3 3 3 3 Load Life Test at Rated W.V. 105°C 2,000 Hrs. Capacitance Change Within ±25% of initial measured value Tan δ Less than 200% of specified value Leakage Current Less than specified value Cap ( µF) Working Voltage (Vdc) 6.3 10 16 25 35 50 100 - - - - - 0.046 121 - - - - - 0.049 150 - - - - 0.030 0.036 180 - - - - - 0.039 220 - - - 0.030 0.032 0.023 0.025 0.026 270 - - - - - 0.025 0.029 0.021 330 - - 0.030 0.032 0.018 0.023 0.025 0.027 - 0.020 390 - - - - 0.020 - 0.022 470 - 0.030 0.032 0.018 0.016 - 0.025 0.027 - 0.020 560 0.030 - - - 0.018 - 680 - 0.032 0.016 0.020 - - 0.025 0.025 0.022 - 0.018 0.016 1000 0.030 0.016 0.016 0.018 - - 0.025 0.025 0.018 - 0.018 0.013 1500 0.016 0.016 0.013 - - - 0.025 0.018 0.018 0.013 2200 0.016 0.013 - - - - 0.018 0.013 2700 0.013 - - - - - Cap ( µF) Working Voltage (Vdc) 6.3 10 16 25 35 50 100 - - - - - 920 121 - - - - - 890 150 - - - - 1110 1230 180 - - - - - 1180 220 - - - 1110 1080 1680 1440 1720 270 - - - - - 1610 1630 1980 330 - - 1140 1080 1820 1800 140 1390 - 1920 390 - - - - 1720 - 1830 470 - 1140 1140 1820 2180 - 1540 1390 - 1920 560 1140 - - - 2060 - 680 - 1140 1870 1720 - - 1540 1540 1830 - 2000 2180 1000 1140 1870 1870 2060 - - 1540 1540 2000 - 2000 2550 1500 1870 1870 2550 - - - 1540 2000 2000 2550 2200 1870 2550 - - - - 2000 2550 2700 2550 - - - - - |
Similar Part No. - NRSJ152M16V10X20TBF |
|
Similar Description - NRSJ152M16V10X20TBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |