Electronic Components Datasheet Search |
|
AG103 Datasheet(PDF) 3 Page - WJ Communication. Inc. |
|
AG103 Datasheet(HTML) 3 Page - WJ Communication. Inc. |
3 / 4 page Specifications and information are subject to change without notice. WJ Communications, Inc Phone 1-800-WJ1-4401 FAX: 408-577-6621 e-mail: sales@wj.com Web site: www.wj.com Page 3 of 4 June 2006 AG103 High Dynamic Range Gain Block Product Information The Communications Edge TM Application Circuit: 200 – 600 MHz (AG103-PCB) Typical Performance Frequency 450 MHz S21 - Gain 13.5 dB S11 -23 dB S22 -14 dB Output P1dB +21 dBm Output IP3 +36 dBm Noise Figure 2.7 dB Bias +5 V @ 150 mA Circuit Board Material: .014” FR-4, 4 layers, .062” total thickness 0 100 200 300 400 500 600 700 800 Frequency (MHz) 10 11 12 13 14 15 -25 -20 -15 -10 -5 0 DB(|S[1,1]|) (R) DB(|S[2,1]|) (L) DB(|S[2,2]|) (R) CAP C= ID= 1000 pF C1 CAP C= ID= 1000 pF C4 CAP C= ID= 10000 pF C5 IND L= ID= 390 nH L2 IND L= ID= 12 nH L1 SUBCKT NET= ID= "AG103" S1 PORT Z= P= 50 Ohm 1 PORT Z= P= 50 Ohm 2 +5 V size 0805 Notes: 1. The amplifier should be connected directly to a +5 V regulator; no dropping resistor is required. 2. If no DC signal is present at the input, C1 can be removed. The input is internally grounded in the amplifier. 3. C2, C3, C5, & R1 are not used in the circuit. R2 is shorted across with 0 in the circuit. These placeholders shown in the silkscreen are for applications with other devices. Reference Design: 70 MHz CAP C= ID= 56 pF C1 CAP C= ID= 1000 pF C4 CAP C= ID= 1e4 pF C5 IND L= ID= 270 nH L2 IND L= ID= 150 nH L3 SUBCKT NET= ID= "AG103" S1 PORT Z= P= 50 Ohm 1 PORT Z= P= 50 Ohm 2 +5 V 50 100 150 200 250 Frequency (MHz) 10 11 12 13 14 15 -25 -20 -15 -10 -5 0 DB(|S[1,1]|) * (R) DB(|S[2,1]|) * (L) DB(|S[2,2]|) (R) Reference Design: 900 MHz CAP C= ID= 100 pF C1 CAP C= ID= 100 pF C4 CAP C= ID= 10000 pF C5 IND L= ID= 100 nH L2 IND L= ID= 15 nH L3 SUBCKT NET= ID= "AG103" S1 PORT Z= P= 50 Ohm 1 PORT Z= P= 50 Ohm 2 +5 V 600 700 800 900 1000 1100 1200 Frequency (MHz) 10 11 12 13 14 15 -25 -20 -15 -10 -5 0 DB(|S[1,1]|) * (R) DB(|S[2,1]|) * (L) DB(|S[2,2]|) * (R) |
Similar Part No. - AG103 |
|
Similar Description - AG103 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |