Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG303-63G Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # AG303-63G
Description  InGaP HBT Gain Block
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AG303-63G Datasheet(HTML) 2 Page - WJ Communication. Inc.

  AG303-63G Datasheet HTML 1Page - WJ Communication. Inc. AG303-63G Datasheet HTML 2Page - WJ Communication. Inc. AG303-63G Datasheet HTML 3Page - WJ Communication. Inc. AG303-63G Datasheet HTML 4Page - WJ Communication. Inc. AG303-63G Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 5
February 2005
AG303-63
InGaP HBT Gain Block
Product Information
The Communications Edge
TM
Typical Device RF Performance
Supply Bias = +5 V, Rbias = 22.1 Ω, Icc = 35 mA
Frequency
MHz
100
500
900
1900
2140
2400
3500
5800
S21
dB
21.4
21.1
20.5
18.3
17.7
17.1
15.1
11.4
S11
dB
-23
-20
-21
-20
-20
-20
-21
-20
S22
dB
-20
-25
-24
-19
-18
17
-16
-11
Output P1dB
dBm
+14.0
+14.0
+14.0
+12.6
+12.2
+12.1
+9.8
Output IP3
dBm
+26.3
+26.1
+25.8
+25.3
+24.9
+24.2
Noise Figure
dB
3.1
3.1
3.2
3.4
3.4
3.5
1. Test conditions: T = 25 ºC, Supply Voltage = +5 V, Device Voltage = 4.23 V, Rbias = 22.1
Ω, Icc = 35 mA typical, 50 Ω System.
2. 3OIP measured with two tones at an output power of -2 dBm/tone separated by 10 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. Data is shown as device performance only. Actual implementation for the desired frequency band will be determined by external components shown in the application circuit.
Gain vs. Frequency
12
14
16
18
20
22
01
2
3
4
Frequency (GHz)
-40 C
+25 C
+85 C
ReturnLoss
-40
-30
-20
-10
0
0123
45
6
Frequency(GHz)
S11
S22
I-VCurve
0
10
20
30
40
50
60
3.03.5
4.04.5
Device Voltage (V)
Optimal operating point
Output IP3 vs. Frequency
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
-40 C
+25 C
+85 C
Output IP2vs. Frequency
20
25
30
35
40
0
200
400
600
800
1000
Frequency(MHz)
-40C
+25C
+85C
Noise Figure vs. Frequency
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
-40 C
+25 C
+85 C
P1dBvs. Frequency
0
5
10
15
20
00.511.522.533.5
4
Frequency (GHz)
-40 C
+25 C
+85 C
Output Power / Gain vs. Input Power
frequency = 900 MHz
10
12
14
16
18
20
-20
-16
-12
-8
-4
0
4
Input Power (dBm)
0
4
8
12
16
20
Output Power
Gain
Output Power / Gain vs. Input Power
frequency = 2000 MHz
8
10
12
14
16
18
-20
-16
-12
-8
-4
0
4
Input Power (dBm)
-4
0
4
8
12
16
Output Power
Gain


Similar Part No. - AG303-63G

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AG303-63G TRIQUINT-AG303-63G Datasheet
514Kb / 5P
   InGaP HBT Gain Block
More results

Similar Description - AG303-63G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com