Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG604-86 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # AG604-86
Description  InGaP HBT Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AG604-86 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  AG604-86 Datasheet HTML 1Page - WJ Communication. Inc. AG604-86 Datasheet HTML 2Page - WJ Communication. Inc. AG604-86 Datasheet HTML 3Page - WJ Communication. Inc. AG604-86 Datasheet HTML 4Page - WJ Communication. Inc. AG604-86 Datasheet HTML 5Page - WJ Communication. Inc. AG604-86 Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 4 of 6 June 2005
AG604-86
InGaP HBT Gain Block
Product Information
The Communications Edge TM
Typical Device Data
S-Parameters (Vdevice = +5.16 V, ICC = 75 mA, T = 25 C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-21.36
171.20
23.29
176.64
-25.29
0.98
-36.23
-30.61
250
-21.24
148.71
23.04
162.42
-25.48
0.92
-25.51
-88.92
500
-19.07
129.69
22.51
145.85
-25.39
4.17
-19.25
-129.52
750
-20.42
107.13
21.75
130.99
-25.28
3.21
-16.75
-139.14
1000
-21.14
85.39
20.90
117.72
-24.89
6.01
-15.00
-145.66
1250
-22.78
59.67
20.06
106.07
-24.67
5.75
-13.88
-152.90
1500
-23.41
27.80
19.15
95.25
-24.25
9.11
-13.34
-160.21
1750
-23.06
1.57
18.33
85.37
-23.93
8.17
-13.00
-166.01
2000
-21.07
-15.63
17.53
76.36
-23.21
8.09
-12.63
-171.09
2250
-18.31
-16.89
16.80
68.71
-22.71
7.73
-12.42
-163.03
2500
-18.42
-25.44
16.34
62.31
-22.45
6.73
-12.52
-170.99
2750
-18.90
-33.07
15.67
54.43
-21.88
5.42
-12.59
178.15
3000
-19.91
-33.93
15.09
46.60
-21.52
1.63
-12.16
163.69
3250
-21.37
-32.65
14.53
39.03
-21.20
0.79
-11.57
149.64
3500
-24.23
-20.20
14.00
31.64
-20.71
-2.20
-10.77
136.73
3750
-26.79
21.70
13.41
23.85
-20.46
-4.37
-9.78
124.54
4000
-23.27
63.55
12.87
16.37
-19.89
-8.20
-8.73
114.71
4250
-20.46
83.10
12.39
9.36
-19.43
-11.52
-7.89
106.47
4500
-18.44
95.89
11.90
2.23
-19.26
-13.73
-7.44
100.69
4750
-17.55
102.99
11.41
-4.43
-19.02
-17.90
-7.25
96.80
5000
-17.39
114.74
11.10
-10.67
-18.60
-21.88
-7.36
93.88
5250
-17.93
129.37
10.78
-16.71
-18.16
-24.66
-7.83
92.46
5500
-18.84
152.45
10.58
-22.45
-17.83
-27.05
-8.87
92.92
5750
-18.01
175.36
10.37
-28.59
-17.44
-30.81
-9.79
92.81
6000
-16.84
-168.81
10.12
-34.75
-16.90
-32.65
-10.88
93.05
Device S-parameters are available for download off of the website at: http://www.wj.com


Similar Part No. - AG604-86

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG604-86 ETC-AG604-86 Datasheet
195Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG604-86 WJCI-AG604-86 Datasheet
179Kb / 5P
   InGaP HBT Gain Block
AG604-86-RFID WJCI-AG604-86-RFID Datasheet
179Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG604-86G TRIQUINT-AG604-86G Datasheet
201Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
logo
List of Unclassifed Man...
AG604-86PCB ETC-AG604-86PCB Datasheet
195Kb / 5P
   InGaP HBT Gain Block
More results

Similar Description - AG604-86

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com