Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NREHS1000M25V16X16F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NREHS1000M25V16X16F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NREHS1000M25V16X16F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NREHS1000M25V16X16F Datasheet HTML 1Page - NIC-Components Corp. NREHS1000M25V16X16F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
92
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
Cap.
(
µF)
Code
Working Voltage (Vdc)
160
200
250
350
400
450
1.5
1R5
-
-
-
-
-
8x9
2.2
2R2
-
-
-
-
8x9
10x9
3.3
3R3
-
-
-
8x9
10x9
-
4.7
4R7
8x9
8x9
8x9
10x9
10x9
-
6.8
6R8
8x9
8x9
10x9
12.5x16 12.5x16 12.6x16
10
100
10x9
10x9
-
12.5x16 12.5x16
16x16
22
220
-
12.5x16 12.5x16
18x16
16x20
16x20
33
330
12.5x16 12.5x16
16x16
16x20
16x20
18x25
47
470
16x16
16x16
18x16
18x20
18x20
18x25
68
680
18x16
16x20
16x20
18x25
-
-
100
101
16x20
16x20
18x25
-
-
-
150
151
18x20
18x25
-
-
-
-
220
221
18x25
-
-
-
-
-
Frequency (Hz)
60
120
500
1K
10K >
1.5 ~ 6.8
µF
0.65
1.00
1.20
1.30
1.50
10 ~ 68
µF
0.80
1.00
1.20
1.30
1.50
100 ~ 1000
µF
0.80
1.00
1.10
1.15
1.20
2200 ~ 10000
µF
0.80
1.00
1.05
1.10
1.15
RIPPLE CURRENT FREQUENCY
CORRECTION FACTORS
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
8
10
12.5
16
18
Lead Dia. (d
φ)
0.6
0.6
0.6
0.8
0.8
Lead Spacing (F)
3.5
5.0
5.0
7.5
7.5
Dim.
α
0.5
0.5
0.5
0.5
0.5
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
PERMISSIBLE RIPPLE CURRENT
(mA rms AT 120Hz AND 105oC)
Miniature Aluminum Electrolytic Capacitors
NRE-HS Series
Cap.
(
µF)
Working Voltage (Vdc)
160
200
250
350
400
450
1.5
-----
19
2.2
-
-
-
-
35
29
3.3
-
-
-
37
40
-
4.7
54
54
54
49
49
-
6.8
60
60
69
94
94
77
10
85
85
-
100
100
109
22
-
156
156
183
187
170
33
175
175
238
238
238
238
47
245
250
309
309
309
275
68
305
355
397
397
-
-
100
381
381
451
-
-
-
150
464
532
-
-
-
-
220
602
-
-
-
-
-
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
β max. L< 16mm = 1.5mm, L> 20mm = 2.0mm


Similar Part No. - NREHS1000M25V16X16F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREHS NIC-NREHS Datasheet
92Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NREHS NIC-NREHS_14 Datasheet
92Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NREHS1000M25V16X16F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com