Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSG182M50V6.3X11TRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRSG182M50V6.3X11TRF
Description  Miniature Aluminum Electrolytic Ca pac i tors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSG182M50V6.3X11TRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRSG182M50V6.3X11TRF Datasheet HTML 1Page - NIC-Components Corp. NRSG182M50V6.3X11TRF Datasheet HTML 2Page - NIC-Components Corp. NRSG182M50V6.3X11TRF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
140
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
141
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
STANDARD PRODUCT AND CASE SIZE TABLE DΦ x L (mm)
NRSG Series
Miniature Aluminum Electrolytic Capacitors
DIAMETER AND LEADSPACE (mm)
dφ ± 0.05
Insulation Sleeve
F ± 0.5
Dφ ± α
4mm
Min.
15mm Min.
L + β max.
Polarity Marking
Cap (µF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
6.8
6R8
-
-
-
-
-
-
-
5x11
15
150
-
-
-
-
-
-
5x11
6.3x11
22
220
-
-
-
-
-
5x11
-
-
27
270
-
-
-
-
-
-
-
8x11.5
33
330
-
-
-
-
5x11
-
6.3x11
-
39
390
-
-
-
-
-
-
-
8x16
47
470
5x11
-
6.3x11
-
10x12.5
56
560
-
-
5x11
-
6.3x11
-
8x11.5
8x20
68
680
-
-
-
-
-
-
-
10x16
82
820
-
-
-
-
-
-
8x16
10x20
10x12.5 12.5x16
100
101
-
5x11
-
6.3x11
-
8x12.5
-
10x23
120
121
-
-
6.3x11
-
-
8x15
8x20
12.5x20
10x16
150
151
5x11
-
-
-
8x12.5 10x12.5
-
-
180
181
-
-
-
-
-
8x20
10x20
12.5x25
12.5x16
220
221
-
6.3x11
-
8x11.5
8x15
10x16
10x23
12.5x30
10x12.5
16x20
270
271
-
-
-
-
8x20
10x20
12.5x20
12.5x35
16x25
18x20
330
331
6.3x11
-
8x11.5
8x15
10x16
10x23
12.5x25 12.5x40
10x12.5
390
391
-
-
-
-
-
-
-
16x31.5
18x25
470
471
-
8x11.5
8x15
8x20
10x20
12.5x20
12.5x30 16x35.5
10x12.5
10x16
16x20
18x31.5
560
561
8x11.5
-
-
-
10x23
12.5x25
12.5x35
16x40
16x25
18x35.5
680
681
-
8x15
8x20
10x20 12.5x20 12.5x30
12.5x40
18x40
10x12.5
10x16
18x20
820
821
8x15
-
-
10x20
-
16x21
16x31.5
-
18x25
1000
102
10x12.5
8x20
10x20
12.5x20 12.5x25
16x25
16x35.5
-
10x16
18x31.5
1200
122
8x20
10x20
10x20
-
12.5x30
-
16x40
-
10x16
16x21
18x35.5
1500
152
10x20
10x20
12.5x20 12.5x25
-
-
18x40
-
1800
182
-
-
-
12.5x30
16x25
-
-
-
16x21
2200
222
10x20
12.5x20 12.5x25
-
-
-
-
-
2700
272
-
-
12.5x30
16x25
-
-
-
-
16x21
3300
332
12.5x20 12.5x25
-
-
-
-
-
-
3900
392
12.5x25
12.5x30
16x25
-
-
-
-
-
16x21
4700
472
12.5x30
-
-
-
-
-
-
-
5600
562
16x21
16x25
-
-
-
-
-
-
6800
682
16x25
-
-
-
-
-
-
-
Case Dia. (Dφ)
5
6.3
8
10 12.5 12.5x30 16
18
Lead Dia. (dφ)
0.5 0.5 0.6 0.6
0.6
0.8
0.8
0.8
Lead Spacing (F) 2.0 2.5 3.5 5.0
5.0
5.0
7.5
7.5
Dim. α
0.5 0.5 0.5 0.5
0.5
0.5
0.5
0.5
β = L < 20mm = 1.5mm, L > 20mm = 2.0mm


Similar Part No. - NRSG182M50V6.3X11TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSG182M25V125x30F NIC-NRSG182M25V125x30F Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSG182M25V16x21F NIC-NRSG182M25V16x21F Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSG182M35V16x25F NIC-NRSG182M35V16x25F Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
More results

Similar Description - NRSG182M50V6.3X11TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC_14 Datasheet
147Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSX NIC-NRSX Datasheet
349Kb / 6P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ NIC-NRSJ Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK_14 Datasheet
627Kb / 5P
   Miniature Aluminum Electrolytic Cap ac i tors
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com