Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLHS501I Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PLHS501I
Description  Programmable macro logic PML
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLHS501I Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PLHS501I Datasheet HTML 4Page - NXP Semiconductors PLHS501I Datasheet HTML 5Page - NXP Semiconductors PLHS501I Datasheet HTML 6Page - NXP Semiconductors PLHS501I Datasheet HTML 7Page - NXP Semiconductors PLHS501I Datasheet HTML 8Page - NXP Semiconductors PLHS501I Datasheet HTML 9Page - NXP Semiconductors PLHS501I Datasheet HTML 10Page - NXP Semiconductors PLHS501I Datasheet HTML 11Page - NXP Semiconductors PLHS501I Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLHS501/PLHS501I
Programmable macro logic
PML
October 22, 1993
10
MACRO CELL SPECIFICATIONS1 (Continued) (SNAP Resource Summary Designations in Parantheses)
Commercial:Tamb = 0°C to +75°C, 4.75V ≤ VCC ≤ 5.25V, CL = 30pF, R2 = 1000Ω, R1 = 470Ω
Industrial:
Tamb = –40°C to +85°C, 4.5V ≤ VCC ≤ 5.5V, CL = 30pF, R2 = 1000Ω, R1 = 470Ω
AND Output Buffer with 3-State Control
(NOU501)
Tri–Ctrl
In
Out
PARAMETER
LIMITS
SYMBOL
To
(Output)
From
(Input)
MIN
TYP
MAX
UNIT
tPHL
tPLH
Output
Output
In
In
8.0
8.0
11
11
13
13
ns
ns
tOE2
tOD2
Out
Out
Tri-Ctrl
Tri-Ctrl
8.5
8.5
15
12.5
18.5
17.0
ns
ns
Bidirectional and Output Pins: 19, 21, 22, 23, 15 – 18.
NAND Output Buffer
(OUT501)
In
Out
PARAMETER
LIMITS
SYMBOL
To
(Output)
From
(Input)
MIN
TYP
MAX
UNIT
tPHL
tPLH
Out
Out
In
In
8.5
8.5
14
14
17.5
16.0
ns
ns
Bidirectional Pins: 37 – 40.
Ex–OR Output Buffer
(EXO501)
Out
A
B
Tri–Ctrl
PARAMETER
LIMITS
SYMBOL
To
(Output)
From
(Input)
MIN
TYP
MAX
UNIT
tPHL
tPLH
Out
Out
A or B
A or B
8.5
8.5
14
14
17.5
16.0
ns
ns
tOE2
tOD2
Out
Out
Tri-Ctrl
Tri-Ctrl
8.5
8.5
15
12.5
18.5
17.0
ns
ns
Ex-OR Output Pins: 28 – 33.
NOTES:
1. Limits are guaranteed with internal feedback buffers simultaneously switching cumulative maximum of eight outputs.
2. For 3-State output; output enable times are tested with CL = 30pF to the 1.5V level, and S1 is open for high-impedance to High tests and
closed for high-impedance to Low tests. Output disable times are tested with CL = 5pF. High-to-High impedance tests are made to an output
voltage of VT = (VOH – 0.5V) with S1 open, and Low-to-High impedance tests are made to the VT = (VOL + 0.5V) level with S1 closed.


Similar Part No. - PLHS501I

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLH0025-WCR08 P-TEC-PLH0025-WCR08 Datasheet
1Mb / 13P
   Dome Lens SMD LED
PLH006-WCG13 P-TEC-PLH006-WCG13 Datasheet
29Kb / 1P
   PLH006-WCG13
PLH006-WCR12 P-TEC-PLH006-WCR12 Datasheet
29Kb / 1P
   SMD LED SOT23 Package
PLH006-WCY01 P-TEC-PLH006-WCY01 Datasheet
29Kb / 1P
   SMD LED SOT23 Package
PLH007-WCRG1213 P-TEC-PLH007-WCRG1213 Datasheet
30Kb / 1P
   Bi-Color SMD LED SOT23 Package
More results

Similar Description - PLHS501I

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K200C ALTERA-EP20K200C Datasheet
620Kb / 90P
   Programmable Logic
logo
Actel Corporation
8B10B ACTEL-8B10B Datasheet
145Kb / 12P
   8b10b Macro
logo
Altera Corporation
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
   Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
   Programmable Logic Device
logo
SELEC Controls Pvt. Ltd
MM1015 SELEC-MM1015 Datasheet
80Kb / 2P
   Programmable Logic Controller
logo
Altera Corporation
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
logo
Delta Electronics, Inc.
DVP-PLC DELTA-DVP-PLC Datasheet
445Kb / 2P
   Programmable Logic Controller
logo
Altera Corporation
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com