Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLS100 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PLS100
Description  Programmable logic arrays 16 횞 48 횞 8
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS100 Datasheet(HTML) 4 Page - NXP Semiconductors

  PLS100 Datasheet HTML 1Page - NXP Semiconductors PLS100 Datasheet HTML 2Page - NXP Semiconductors PLS100 Datasheet HTML 3Page - NXP Semiconductors PLS100 Datasheet HTML 4Page - NXP Semiconductors PLS100 Datasheet HTML 5Page - NXP Semiconductors PLS100 Datasheet HTML 6Page - NXP Semiconductors PLS100 Datasheet HTML 7Page - NXP Semiconductors PLS100 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS100/PLS101
Programmable logic arrays
(16
× 48 × 8)
October 22, 1993
52
DC ELECTRICAL CHARACTERISTICS
0
°C ≤ Tamb ≤ +75°C, 4.75V ≤ VCC ≤ 5.25V
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP1
MAX
UNIT
Input voltage2
VIH
High
VCC = MAX
2.0
V
VIL
Low
VCC = MIN
0.8
V
VIC
Clamp3
VCC = MIN, IIN = –12mA
–0.8
–1.2
V
Output voltage2
VCC = MIN
VOH
High (PLS100)4
IOH = –2mA
2.4
V
VOL
Low5
IOL = 9.6mA
0.35
0.45
V
Input current
IIH
High
VIN = 5.5V
< 1
25
µA
IIL
Low
VIN = 0.45V
–10
–100
µA
Output current
IO(OFF)
Hi-Z state (PLS100)
CE = High, VCC = MAX
VOUT = 5.5V
1
40
µA
VOUT = 0.45V
–1
–40
µA
IOS
Short circuit (PLS100) 3, 6
CE = Low, VOUT = 0V
–15
–70
mA
ICC
VCC supply current7
VCC = MAX
120
170
mA
Capacitance
CE = High, VCC = 5.0V
CIN
Input
VIN = 2.0V
8
pF
COUT
Output
VOUT = 2.0V
17
pF
NOTES:
1. All typical values are at VCC = 5V, Tamb = +25°C.
2. All voltage values are with respect to network ground terminal.
3. Test one pin at a time.
4. Measured with VIL applied to CE and a logic high stored.
5. Measured with a programmed logic condition for which the output test is at a low logic level. Output sink current is applied through a resistor
to VCC.
6. Duration of short circuit should not exceed 1 second.
7. ICC is measured with the Chip Enable input grounded, all other inputs at 4.5V and the outputs open.


Similar Part No. - PLS100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PLS120A LITTELFUSE-PLS120A Datasheet
349Kb / 2P
   Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
Satco Products, Inc.
PLS132700KSPIRAL SATCO-PLS132700KSPIRAL Datasheet
125Kb / 1P
   13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-1 (4-Pin) base
logo
NXP Semiconductors
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS153A PHILIPS-PLS153A Datasheet
144Kb / 9P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS153AA PHILIPS-PLS153AA Datasheet
144Kb / 9P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
More results

Similar Description - PLS100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLUS405-37 PHILIPS-PLUS405-37 Datasheet
164Kb / 20P
   Programmable logic sequencers (16 횞 64 횞 8)
1996 Nov 12
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
   Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS173B PHILIPS-PLUS173B Datasheet
73Kb / 8P
   Programmable logic arrays 22 횞 42 횞 10
October 22, 1993
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
logo
Texas Instruments
TIB82S105BC TI1-TIB82S105BC Datasheet
312Kb / 14P
[Old version datasheet]   16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
logo
NXP Semiconductors
PLS159A PHILIPS-PLS159A Datasheet
132Kb / 12P
   Programmable logic sequencer 16 횞 45 횞 12
October 22, 1993
logo
Texas Instruments
TIBPLS506AC TI1-TIBPLS506AC Datasheet
327Kb / 16P
[Old version datasheet]   13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
logo
NXP Semiconductors
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com