Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH202 Datasheet(PDF) 6 Page - WJ Communication. Inc.

Part # AH202
Description  1W High Linearity Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH202 Datasheet(HTML) 6 Page - WJ Communication. Inc.

  AH202_07 Datasheet HTML 1Page - WJ Communication. Inc. AH202_07 Datasheet HTML 2Page - WJ Communication. Inc. AH202_07 Datasheet HTML 3Page - WJ Communication. Inc. AH202_07 Datasheet HTML 4Page - WJ Communication. Inc. AH202_07 Datasheet HTML 5Page - WJ Communication. Inc. AH202_07 Datasheet HTML 6Page - WJ Communication. Inc. AH202_07 Datasheet HTML 7Page - WJ Communication. Inc. AH202_07 Datasheet HTML 8Page - WJ Communication. Inc. AH202_07 Datasheet HTML 9Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 6 of 9 May 2007
AH202
1W High Linearity Amplifier
Reference Design: 1900 MHz
using the AH202 in the previously recommended circuit configuration with the AH201 (AH201-PCB1900)
Typical RF Performance at 25°°C
Frequency
1900 MHz
S21 - Gain
15 dB
S11
- 8 dB
S22
- 8 dB
Output P1dB
+ 29.7 dBm
Output IP3
+ 46 dBm
IS-95A Ch. Power
@ -45 dBc ACPR
+ 23 dBm
Noise Figure
3.8 dB
Supply Voltage
+11 V
Supply Current
330 mA
CAP
ID=C2
C=56 pF
CAP
ID=C3
C=56 pF
CAP
ID=C6
C=0.5 pF
CAP
ID=C4 (0805)
C=1000 pF
CAP
ID=C5 (1206)
C=1e5 pF
IND
ID=L1 (1008)
L=22 nH
CAP
ID=C7
C=1.0 pF
TLIN
ID=TL1
Z0=50 Ohm
EL=31 Deg
F0=1900 MHz
CAP
ID=C1
C=56 pF
RES
ID=L2
R=0 Ohm
SUBCKT
ID=S1
NET="AH202_F"
PORT
P=1
Z=50 Ohm
PORT
P=2
Z=50 Ohm
+11V
Notes:
1.
The amplifier should be connected directly to a +11 V regulator; no dropping resistor is required.
2.
If no DC signal is present at the input (pin 1), C1 can be removed. The gate (input pin) is internally grounded in the amplifier.
3.
Component sizes are 0603 unless otherwise noted. RF choke L1 should be wirewound ceramic type to insure sufficient current carrying
capacity. Coilcraft’s 1008 CS series (part # 1008CS-220X_B) is recommended.
4.
5 DWGHVLJQDWRU/LVXVHGDVDSODFHKROGHUIRUDGLIIHUHQWDSSOLFDWLRQFLUFXLW,WFDQEHUHPRYHGIURPWKHFLUFXLWZLWKRXWDQ\HIIHFWWR
the performance.
5.
C6 is located at silk screen marker “C” and C8 is located between silk screen markers “6” and “7” on the WJ evaluation board.
S-Parameters
Vd = +11.0V, Temp = +25C
12
13
14
15
16
1700
1800
1900
2000
Frequency (MHz)
-20
-15
-10
-5
0
S21
S11
S22
Noise Figure
Vd = 11.0V, Temp = 25°C
0
1
2
3
4
5
6
1700
1800
1900
2000
Frequency (MHz)
OIP3 vs. Pout
Vd = +11V, Temp = 25°C
35
40
45
50
55
5
7
9
11
13
15
17
Pout (dBm)
ACPR vs. Channel Power
1900 MHz., IS-95 Ch. Fwd, ± 885 KHz offset, 30 KHz Meas. BW
-75
-70
-65
-60
-55
-50
-45
-40
14
16
18
20
22
24
Output Channel Power (dBm)


Similar Part No. - AH202_07

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH202-F WJCI-AH202-F Datasheet
422Kb / 9P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
AH202-F TRIQUINT-AH202-F Datasheet
390Kb / 7P
   1W High Linearity Amplifier
logo
WJ Communication. Inc.
AH202-PCB1900 WJCI-AH202-PCB1900 Datasheet
422Kb / 9P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
AH202-PCB1900 TRIQUINT-AH202-PCB1900 Datasheet
390Kb / 7P
   1W High Linearity Amplifier
logo
WJ Communication. Inc.
AH202-PCB2140 WJCI-AH202-PCB2140 Datasheet
422Kb / 9P
   1W High Linearity Amplifier
More results

Similar Description - AH202_07

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9103 QORVO-TQP7M9103 Datasheet
648Kb / 24P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
   1W High Linearity Amplifier
TQP7M9103 TRIQUINT-TQP7M9103_15 Datasheet
469Kb / 16P
   1W High Linearity Amplifier
TQP7M9105 TRIQUINT-TQP7M9105_15 Datasheet
569Kb / 9P
   1W High Linearity Amplifier
logo
WJ Communication. Inc.
AH202 WJCI-AH202 Datasheet
422Kb / 9P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9105 TRIQUINT-TQP7M9105 Datasheet
515Kb / 8P
   1W High Linearity Amplifier
logo
Mimix Broadband
XP1053-SD MIMIX-XP1053-SD Datasheet
277Kb / 8P
   1W, High Linearity InGaP HBT Amplifier
XP1066-SD MIMIX-XP1066-SD Datasheet
244Kb / 7P
   1W, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH225-S8G TRIQUINT-AH225-S8G_15 Datasheet
1Mb / 21P
   1W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com