Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP603 Datasheet(PDF) 8 Page - WJ Communication. Inc.

Part # AP603
Description  High Dynamic Range 7W 28V HBT Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP603 Datasheet(HTML) 8 Page - WJ Communication. Inc.

Back Button AP603 Datasheet HTML 4Page - WJ Communication. Inc. AP603 Datasheet HTML 5Page - WJ Communication. Inc. AP603 Datasheet HTML 6Page - WJ Communication. Inc. AP603 Datasheet HTML 7Page - WJ Communication. Inc. AP603 Datasheet HTML 8Page - WJ Communication. Inc. AP603 Datasheet HTML 9Page - WJ Communication. Inc. AP603 Datasheet HTML 10Page - WJ Communication. Inc. AP603 Datasheet HTML 11Page - WJ Communication. Inc. AP603 Datasheet HTML 12Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 8 of 14 May 2007 ver 1
AP603
High Dynamic Range 7W 28V HBT Amplifier
1930-1990 MHz Application Note: Changing Icq Biasing Configurations
The AP603 can be configured to be operated with lower bias current by varying the bias-adjust resistor – R2. The
recommended circuit configurations shown previously in this datasheet have the device operating with a 160 mA as the
quiescent current (ICQ). This biasing level represents the best tradeoff in terms of linearity and efficiency. Lowering ICQ will
improve upon the efficiency of the device, but degraded linearity. Increasing ICQ has nominal improvement upon the linearity,
but will degrade the device’s efficiency. Measured data shown in the plots below represents the AP603 measured and
configured for 1.96 GHz applications. It is expected that variation of the bias current for other frequency applications will
produce similar performance results.
Icq
(mA)
R2
(Ω)
VPD
(V)
PIN_VPD
(V)
20
4.32k
5
2.46
40
2.33k
5
2.52
80
1.24k
5
2.61
120
852
5
2.68
160
649
5
2.74
200
521
5
2.80
260
398
5
2.89
320
313
5
2.98
Thermal Rise vs. Output Power vs. Icq
Vcc = 28V
0
20
40
60
80
100
18
20
22
24
26
28
30
32
Output Power (dBm)
20 mA
40 mA
80 mA
120 mA
160 mA
200 mA
260 mA
320 mA
C28
3.3pF
C7
1000pF
100pF
L3
C5
3.3pF
C29
1.2pF
100pF
W = .030”
L = 1.035”
4.7 nH
ACLR1 vs. Output Power vs. Icq
WCDMA, Vcc = 28V, 1960 MHz, 25 ˚C
-65
-60
-55
-50
-45
-40
-35
22
24
26
28
30
32
Average Output Power (dBm)
20 mA
40 mA
80 mA
120 mA
160 mA
200 mA
260 mA
320 mA
Icc vs. Output Power vs. Icq
WCDMA, Vcc = 28V, 1960 MHz, 25 ˚C
0
100
200
300
400
22
24
26
28
30
32
Average Output Power (dBm)
20 mA
40 mA
80 mA
120 mA
160 mA
200 mA
260 mA
320 mA
Efficiency vs. Output Power vs. Icq
WCDMA, Vcc = 28V, 1960 MHz, 25 ˚C
0
5
10
15
20
25
22
24
26
28
30
32
Average Output Power (dBm)
20 mA
40 mA
80 mA
120 mA
160 mA
200 mA
260 mA
320 mA
Gain vs. Output Power vs. Icq
CW tone, Vcc = 28V, 1960 MHz, 25 ˚C
9
10
11
12
13
14
22
26
30
34
38
Output Power (dBm)
20 mA
40 mA
80 mA
120 mA
160 mA
200 mA
260 mA
320 mA
Output Power vs. Input Power vs. Icq
CW tone, Vcc = 28V, 1960 MHz, 25 ˚C
22
26
30
34
38
10
14
18
22
26
Input Power (dBm)
20 mA
40 mA
80 mA
120 mA
160 mA
200 mA
260 mA
320 mA
Efficiency vs. Output Power vs. Icq
CW tone, Vcc = 28V, 1960 MHz, 25 ˚C
0
10
20
30
40
50
22
26
30
34
38
Output Power (dBm)
20 mA
40 mA
80 mA
120 mA
160 mA
200 mA
260 mA
320 mA
OIP3 vs. Output Power vs. Icq
CW Two-tone signal, 1960 MHz, ∆f = 1 MHz, Vcc = 28V, 25 ˚C
30
35
40
45
50
55
26
28
30
32
34
36
Output Power, PEP (dBm)
20 mA
40 mA
80 mA
120 mA
160 mA
200 mA
260 mA
320 mA
IMD3 vs. Output Power vs. Icq
CW Two-tone signal, 1960 MHz, ∆f = 1 MHz, Vcc = 28V, 25 ˚C
-60
-50
-40
-30
-20
26
28
30
32
34
36
Output Power, PEP (dBm)
20 mA
40 mA
80 mA
120 mA
160 mA
200 mA
260 mA
320 mA
IMD5 vs. Output Power vs. Icq
CW Two-tone signal, 1960 MHz, ∆f = 1 MHz, Vcc = 28V, 25 ˚C
-80
-70
-60
-50
-40
-30
-20
26
28
30
32
34
36
Output Power, PEP (dBm)
20 mA
40 mA
80 mA
120 mA
160 mA
200 mA
260 mA
320 mA


Similar Part No. - AP603

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AP6031A SCHNEIDER-AP6031A Datasheet
61Kb / 2P
   Rack PDU, Basic, 0U/1U, 208V, 30A, (4) C19
More results

Similar Description - AP603

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AP602 WJCI-AP602 Datasheet
840Kb / 11P
   High Dynamic Range 4W 28V HBT Amplifier
AP601 WJCI-AP601 Datasheet
767Kb / 10P
   High Dynamic Range 1.8W 28V HBT Amplifier
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
List of Unclassifed Man...
HE389A ETC1-HE389A Datasheet
97Kb / 1P
   High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH2 TRIQUINT-AH2_15 Datasheet
190Kb / 5P
   High Dynamic Range Amplifier
AH1-G TRIQUINT-AH1-G_15 Datasheet
655Kb / 5P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH2 WJCI-AH2 Datasheet
393Kb / 5P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com