Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV110-1A Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # CV110-1A
Description  Cellular-band High Linearity Downconverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

CV110-1A Datasheet(HTML) 2 Page - WJ Communication. Inc.

  CV110-1A_07 Datasheet HTML 1Page - WJ Communication. Inc. CV110-1A_07 Datasheet HTML 2Page - WJ Communication. Inc. CV110-1A_07 Datasheet HTML 3Page - WJ Communication. Inc. CV110-1A_07 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 4 April 2007
CV110-1A
Cellular-band High Linearity Downconverter
Device Architecture / Application Circuit Information
Typical Downconverter Performance Chain Analysis
Cumulative Performance
Stage
Gain
(dB)
Output
P1dB
(dBm)
Output
IP3
(dBm)
NF
(dB)
Current
(mA)
Gain
(dB)
Output
P1dB
(dBm)
Output
IP3
(dBm)
NF
(dB)
RF Amplifier
13.5
21
40.0
3.5
150
13.5
21.0
40.0
3.5
RF Filter
-1.5
---
---
1.5
---
12.0
19.5
38.5
3.5
MMIC Mixer
-9.0
8
23.0
9.8
60
3.0
6.1
22.1
4.5
IF Amplifier
19.0
22
39.1
2.5
150
22.0
20.3
37.0
5.0
CV110-1A
Cumulative Performance
360
22.0
20.3
37.0
5.0
CV110-1A: The application circuit can be broken up into four main
functions as denoted in the colored dotted areas above: RF/IF diplexing
(purple), amplifier matching (green), filtering (red), and dc biasing
(blue). There are various placeholders for chip components in the circuit
schematic so that a common PCB can be used for all WJ single-branch
converters. Additional placeholders for other optional functions such as
filtering are also included.
RF / IF Amplifier Matching:
The RF amplifier requires a shunt
matching element for optimal gain and input return loss performance.
The IF amplifier requires matching elements to optimize the
performance of the amplifier to the desired IF center frequency. Since
IF bandwidths are typically on the order of 5 to 10%, a simple two
element matching network, in the form of either a high-pass or low-pass
filter structure, is sufficient to match the MMIC IF amplifier over these
narrow bandwidths.
Proper component values for other IF center
frequencies
can
be
provided
by
emailing
to
applications.engineering@wj.com.
RF Bandpass Filtering: Bandpass filtering is recommended to reject
the image frequencies and achieve the best noise figure performance
with the downconverter. The bandpass filter, implemented with a SAW
filter on the application circuit, allows for the suppression of noise from
the image frequency. It is permissible to not use a filter and use a 2 dB
pad with R6, R7, and R16 instead with slightly degraded noise figure
performance. Standard WJ evaluation boards will have the 2 dB pad in
place.
External Diplexer: In a downconversion application, the incoming RF
signal impinges on the switching elements of the mixer; the interaction
with these switches produces a signal at the IF frequency. The two
signals (RF and IF) are directed to the appropriate ports by the external
diplexer. A four-element diplexer is used in the circuit implementation
(L8 and C2 are not used). Pin 5 contains the IF signal and allows the
signal to be transferred to pin 25 for the convenience of PCB layouts.
DC biasing:
DC bias must be provided for the RF, LO and IF
amplifiers in the converter. R1 sets the operating current for the last
stage of the LO amplifier and is chosen to optimize the mixer LO drive
level. Proper RF chokes and bypass capacitors are chosen for proper
amplifier biasing at the intended frequency of operation. The “+5 V” dc
bias should be supplied directly from a voltage regulator.
IF Amplifier Matching
Frequency (MHz)
40
50
75
100
125
130
L7 (nH)
470
430
150
150
120
120
C17 (pF)
24
15
22
10
8.2
6.8
R8 (ohms)
4.7
4.7
3.3
2.2
2.2
2.2
L4 (nH)
470
240
330
330
330
330
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
27
26
25
24
23
22
8
9
10
11
12
13
14
IF Amp
RF Amp
LO Driver Amp
IF OUT
GND
N/C
GND
BIAS
GND
LO IN
RF OUT
GND
N/C
GND
IF THRU
GND
RF/IF
RF/IF
IF Feedthru
Path
LO
Printed Circuit Board Material:
.014” FR-4, 4 layers, .062” total thickness
RF Amp Bias
IF Amp Bias
LO Amp Bias
LO Amp Bias
RF Bandpass Filter /
Attenuator Pad
RF Amp Matching
IF Amp Matching
RF / IF Diplexer
(used for cellular versions only)


Similar Part No. - CV110-1A_07

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV110-1AF WJCI-CV110-1AF Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-1APCB75 WJCI-CV110-1APCB75 Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
More results

Similar Description - CV110-1A_07

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-2A WJCI-CV110-2A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-2A WJCI-CV110-2A_07 Datasheet
282Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
logo
List of Unclassifed Man...
CV111-3 ETC-CV111-3 Datasheet
571Kb / 4P
   UMTS-band High Linearity Downconverter
logo
WJ Communication. Inc.
CV111-3A WJCI-CV111-3A Datasheet
271Kb / 5P
   UMTS-band High Linearity Downconverter
CV111-3A WJCI-CV111-3A_07 Datasheet
307Kb / 5P
   UMTS-band High Linearity Downconverter
CV111-1A WJCI-CV111-1A Datasheet
238Kb / 4P
   PCS/DCS-band High Linearity Downconverter
CV111-1A WJCI-CV111-1A_07 Datasheet
274Kb / 4P
   PCS/DCS-band High Linearity Downconverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com