Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP603-PCB1960 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # AP603-PCB1960
Description  High Dynamic Range 7W 28V HBT Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP603-PCB1960 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  AP603-PCB1960 Datasheet HTML 1Page - WJ Communication. Inc. AP603-PCB1960 Datasheet HTML 2Page - WJ Communication. Inc. AP603-PCB1960 Datasheet HTML 3Page - WJ Communication. Inc. AP603-PCB1960 Datasheet HTML 4Page - WJ Communication. Inc. AP603-PCB1960 Datasheet HTML 5Page - WJ Communication. Inc. AP603-PCB1960 Datasheet HTML 6Page - WJ Communication. Inc. AP603-PCB1960 Datasheet HTML 7Page - WJ Communication. Inc. AP603-PCB1960 Datasheet HTML 8Page - WJ Communication. Inc. AP603-PCB1960 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 14 May 2007 ver 1
AP603
High Dynamic Range 7W 28V HBT Amplifier
869-894 MHz Reference Design
Typical WCDMA Performance at 25
°C
at a channel power of +30 dBm
Frequency
880 MHz
W-CDMA Channel Power
+30 dBm
Power Gain
18 dB
Input Return Loss
11 dB
Output Return Loss
7.5 dB
ACLR
-52 dBc
IMD3 @ +30 dBm PEP
-52 dBc
Operating Current, Icc
220 mA
Collector Efficiency
16.5 %
Output P1dB
+38.5 dBm
Quiescent Current, Icq
160 mA
Vpd, Vbias
+5 V
Vcc
+28 V
Notes:
1. The primary RF microstrip line is 50
Ω.
2. Components shown on the silkscreen but not on the schematic are not used.
3. The center of L24 is placed at 0.090” (3.5
° @ 880 MHz) from the center of C5.
4. The center of C28 is placed at 0.220” (8.4
° @ 880 MHz) from the edge of the AP603 (U1).
5. The center of L4 is placed at 0.200” (7.7
° @ 880 MHz) from the edge of the AP603 (U1).
6. The center of C31 is placed at 0.360” (13.8
° @ 880 MHz) from the center of L4.
7. The bold-faced RF trace is for the DC bias feed. The stub’s length is approximately a ¼ λ.
8. The main RF trace is cut at component C28 and L4 for this particular reference design.
869-894 MHz Application Circuit Performance Plots
W-CDMA 3GPP Test Model 1+64 DPCH, 60% clipping, PAR = 8.6 dB @ 0.01% Probability, 3.84 MHz BW
Gain vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 160 mA, 25 ˚C
14
15
16
17
18
19
30
32
34
36
38
40
Output Power (dBm)
869 MHz
880 MHz
894 MHz
S11, S22 vs. Frequency
Vcc = 28V, Icq = 160 mA, 25 ˚C
-25
-20
-15
-10
-5
0
0.75
0.8
0.85
0.9
0.95
Frequency (GHz)
S11
S22
Efficiency vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 160 mA, 25 ˚C
0
10
20
30
40
50
60
14
18
22
26
30
34
38
Output Power (dBm)
869 MHz
880 MHz
894 MHz
ACLR1 vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 160 mA, 25 ˚C
-65
-60
-55
-50
-45
-40
22
24
26
28
30
32
Average Output Power (dBm)
869 MHz
880 MHz
894 MHz
IMD vs. Output Power
CW 2-tone signal, 880 MHz, ∆f = 1 MHz, 28V, 160 mA Icq, 25 ˚C
-75
-70
-65
-60
-55
-50
26
28
30
32
34
36
Output Power, PEP (dBm)
IMD3L
IMD3U
IMD5
Efficiency vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 160 mA, 25 ˚C
0
5
10
15
20
25
22
24
26
28
30
32
Average Output Power (dBm)
869 MHz
880 MHz
894 MHz
Unconditionally stable circuit version of this application circuit is available for download off of the website at: http://www.wj.com
L24
2.2 nH
See note 3
6.8 nH
See note 5
C31
3.3 pF
See note 6
C28
6.8 pF
See note 4
C7
1000pF
L24 C28
L4
C31


Similar Part No. - AP603-PCB1960

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AP6031A SCHNEIDER-AP6031A Datasheet
61Kb / 2P
   Rack PDU, Basic, 0U/1U, 208V, 30A, (4) C19
More results

Similar Description - AP603-PCB1960

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AP602 WJCI-AP602 Datasheet
840Kb / 11P
   High Dynamic Range 4W 28V HBT Amplifier
AP601 WJCI-AP601 Datasheet
767Kb / 10P
   High Dynamic Range 1.8W 28V HBT Amplifier
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
List of Unclassifed Man...
HE389A ETC1-HE389A Datasheet
97Kb / 1P
   High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH2 TRIQUINT-AH2_15 Datasheet
190Kb / 5P
   High Dynamic Range Amplifier
AH1-G TRIQUINT-AH1-G_15 Datasheet
655Kb / 5P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH2 WJCI-AH2 Datasheet
393Kb / 5P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com