Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV221-2A Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # CV221-2A
Description  1.9 - 2.7 GHz Dual-Branch Downconverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

CV221-2A Datasheet(HTML) 5 Page - WJ Communication. Inc.

  CV221-2A Datasheet HTML 1Page - WJ Communication. Inc. CV221-2A Datasheet HTML 2Page - WJ Communication. Inc. CV221-2A Datasheet HTML 3Page - WJ Communication. Inc. CV221-2A Datasheet HTML 4Page - WJ Communication. Inc. CV221-2A Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 5 of 5 June 2007
CV221-2A
1.9 – 2.7 GHz Dual-Branch Downconverter
CV221-2AF Mechanical Information
This package is lead-free/RoHS-compliant. The plating material on the pins is annealed matte tin over copper. It is compatible with both
lead-free (maximum 260
°C reflow temperature) and leaded (maximum 245 °C reflow temperature) soldering processes.
Outline Drawing
Mounting Configuration / Land Pattern
Product Marking
The component will be lasermarked with a
“CV221-2AF”
product
label
with
an
alphanumeric lot code on the top surface of the
package.
Tape and reel specifications for this part will be
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes
500V to <1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class III
Value:
Passes
500V to <1000V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 2 at +260
°C convection reflow
Standard:
JEDEC Standard J-STD-020
Functional Pin Layout
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
27
26
25
24
23
22
8
9
10
11
12
13
14
IF Amp 2
IF Amp 1
LO Driver Amp
BIAS
GND
GND
GND
LO
GND
GND
RF 1
INPUT
GND
BIAS
GND
GND
GND
IF
IF
RF
RF
RF 2
INPUT
Pin
Function
Pin
Function
1
Ch. 1 Mixer
RF Input
15
N/C or GND
3
LO Amp Bias
17
LO input
5
N/C or GND
19
N/C or GND
7
Ch. 2 Mixer
RF Input
21
+5 V
9
Ch. 2 Mixer
IF Output
23
Ch. 1 IF Amp
Output / Bias
11
Ch. 2 IF Amp Input
25
Ch. 1 IF Amp
Input
13
Ch. 2 IF Amp
Output / Bias
27
Ch. 1 Mixer
IF Output
The even numbered pins are hard grounded to the backside
paddle internally. They can be grounded or not connected.
The backside paddle is required to be grounded.


Similar Part No. - CV221-2A

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV221-2A WJCI-CV221-2A Datasheet
278Kb / 5P
   1.9 - 2.4 GHz Dual-Branch Downconverter
More results

Similar Description - CV221-2A

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV221-2A WJCI-CV221-2A Datasheet
278Kb / 5P
   1.9 - 2.4 GHz Dual-Branch Downconverter
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV211-3 ETC1-CV211-3 Datasheet
391Kb / 7P
   UMTS-band Dual-Branch Downconverter
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
logo
Hittite Microwave Corpo...
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
logo
WJ Communication. Inc.
CV211-1A WJCI-CV211-1A Datasheet
313Kb / 6P
   PCS/DCS-band Dual-Branch Downconverter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com