Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV111-3APCB240 Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # CV111-3APCB240
Description  UMTS-band High Linearity Downconverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

CV111-3APCB240 Datasheet(HTML) 5 Page - WJ Communication. Inc.

  CV111-3APCB240 Datasheet HTML 1Page - WJ Communication. Inc. CV111-3APCB240 Datasheet HTML 2Page - WJ Communication. Inc. CV111-3APCB240 Datasheet HTML 3Page - WJ Communication. Inc. CV111-3APCB240 Datasheet HTML 4Page - WJ Communication. Inc. CV111-3APCB240 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 5 of 5 April 2007
CV111-3A
UMTS-band High Linearity Downconverter
Mechanical Information
This package is lead-free/RoHS-compliant. The plating material on the pins is annealed matte tin over copper. It is compatible with both
lead-free (maximum 260 °C reflow temperature) and leaded (maximum 245 °C reflow temperature) soldering processes.
Outline Drawing
Mounting Configuration / Land Pattern
Product Marking
The component will be lasermarked with a
“CV111-3AF”
product
label
with
an
alphanumeric lot code on the top surface of the
package.
Tape and reel specifications for this part will be
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes
500V to <1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class III
Value:
Passes
500V to <1000V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 2 at +260 °C convection reflow
Standard:
JEDEC Standard J-STD-020
Functional Pin Layout
Pin
Function
Pin
Function
1
RF Amp Output
15
LO Amp Input
2
GND
16
GND
3
N/C or GND
17
LO Amp Bias
4
GND
18
GND
5
N/C or GND
19
N/C or GND
6
GND
20
GND
7
Mixer RF Input
21
IF Amp
Output/Bias
8
GND
22
GND
9
N/C or GND
23
IF Amp Input
10
GND
24
GND
11
Mixer LO Input
25
Mixer IF Output
12
GND
26
GND
13
LO Amp
Output/Bias
27
RF Amp Input
14
GND
28
GND


Similar Part No. - CV111-3APCB240

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV111-3APCB240 WJCI-CV111-3APCB240 Datasheet
271Kb / 5P
   UMTS-band High Linearity Downconverter
More results

Similar Description - CV111-3APCB240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV111-3 ETC-CV111-3 Datasheet
571Kb / 4P
   UMTS-band High Linearity Downconverter
logo
WJ Communication. Inc.
CV111-3A WJCI-CV111-3A Datasheet
271Kb / 5P
   UMTS-band High Linearity Downconverter
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-2A WJCI-CV110-2A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-2A WJCI-CV110-2A_07 Datasheet
282Kb / 4P
   Cellular-band High Linearity Downconverter
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com