Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPE151MV10X10.8TR13F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSPE151MV10X10.8TR13F
Description  Hybrid Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPE151MV10X10.8TR13F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSPE151MV10X10.8TR13F Datasheet HTML 1Page - NIC-Components Corp. NSPE151MV10X10.8TR13F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
52
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NSPE Series
DIMENSIONS (mm)
LAND PATTERN DIM. (mm)
Hybrid Aluminum Electrolytic Capacitors
Diameter/Voltage
Preheat
(120 sec. max.)
Peak
Temperature
Time above
200°C
Time above
230°C
6.3mm/4V ~ 10V
150°C ~ 180°C
250°C/5 sec.
60 sec. max.
40 sec. max.
8.0mm/4V ~ 10V
150°C ~ 180°C
240°C/5 sec.
60 sec. max.
30 sec. max.
10mm/4V ~ 10V
150°C ~ 180°C
235°C/5 sec.
50 sec. max.
5 sec. max.
NSPE471M6.3V10x10.8TRxxF
150°C ~ 180°C
240°C/5 sec.
60 sec. max.
30 sec. max.
NSPE331M10V8x10.8TRxxF
<150°C
230°C/5 sec.
30 sec. max.
-
NSPE471M10V10x10.8TRxxF
PEAK TEMPERATURE AND DURATION
RECOMMENDED REFLOW SOLDERING PROFILE
Time Above 200°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(see table for temperature)
Peak Temperature
(see table)
230
Time Above 230°C
(see table)
+
-
AA
P
B
Case Dia.
A
B
P
6.3
3.5
1.6
1.9
8
4.2
2.2
3.1
10
4.4
2.2
4.5
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
Cap (
µF)
Code
Working Voltage (Vdc)
4.0
6.3
10
22
220
-
-
6.3 x 6.3
33
330
-
-
6.3 x 6.3
47
470
-
-
6.3 x 6.3
100
101
-
6.3 x 6.3
8 x 10.8
150
151
-
-
8 x 10.8
220
221
-
8 x 10.8
8 x 10.8
330
331
-
8 x 10.8
8 x 10.8*
10 x 10.8
390
391
-
8 x 10.8
10 x 10.8
470
471
8 x 10.8
10 x 10.8
10 x 10.8*
560
561
-
10 x 10.8
-
680
681
10 x 10.8
-
-
820
821
10 x 10.8
-
-
D
φ ±0.5
L max.
A/B ±0.2
W
I ±0.2
P ±0.2
6.3
6.3
6.8
0.5 ~ 0.8
2.55
2.2
8.0
10.8
8.3
0.7 ~ 1.0
2.9
3.2
10
10.8
10.3
1.1 ~ 1.4
3.2
4.6
*Low temperature reflow soldering only
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL


Similar Part No. - NSPE151MV10X10.8TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSPE-A NIC-NSPE-A Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M50V5X6.1NLBYF NIC-NSPE-A100M50V5X6.1NLBYF Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M50V5X61NLBYF NIC-NSPE-A100M50V5X61NLBYF Datasheet
91Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M63V6.3X6.1NLBYF NIC-NSPE-A100M63V6.3X6.1NLBYF Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M63V63X61NLBYF NIC-NSPE-A100M63V63X61NLBYF Datasheet
91Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
More results

Similar Description - NSPE151MV10X10.8TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSPE-TZ NIC-NSPE-TZ Datasheet
89Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A NIC-NSPE-A Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com