Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMX-000013-003SMB Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAMX-000013-003SMB
Description  Low Cost MMIC Mixer 1400 - 2100 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMX-000013-003SMB Datasheet(HTML) 4 Page - Tyco Electronics

  MAMX-000013-003SMB Datasheet HTML 1Page - Tyco Electronics MAMX-000013-003SMB Datasheet HTML 2Page - Tyco Electronics MAMX-000013-003SMB Datasheet HTML 3Page - Tyco Electronics MAMX-000013-003SMB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Low Cost MMIC Mixer
1400 - 2100 MHz
MAMXSS0013
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
4
RoHS
Compliant
Typical Performance Curves
VSWR
Conversion Loss (Up/Down)
Two-Tone IMR
Two-Tone IMR
Test Conditions for Down Converter Application: RF = 1850 MHz (-10 dBm), IF = 140 MHz, LO = 1710 MHz (+5 dBm).
Test Conditions for Up Converter Application: LO = 1710 MHz (+5 dBm), IF = 140 MHz (-10 dBm), RF = 1850 MHz.
Test Conditions for Wide-Band Application: RF = -10 dBm, IF = 140 MHz, LO = +11 dBm, LO Port resistively matched. Lower LO
drive operation is available for narrow band performance using external reactive matching. The 3 dB IF bandwidth is 500 MHz. IF
frequencies above 200 MHz can be optimized for low conversion loss by using external matching components.
7
8
9
10
1700
1800
1900
2000
RF Frequency (MHz)
0
10
20
30
40
1700
1800
1900
2000
LO TO IF
LO TO RF
RF TO IF
RF Frequency (MHz)
Wide-Band Performance Curves
Isolation
1.0
2.0
3.0
4.0
5.0
1700
1800
1900
2000
LO
RF
RF Frequency (MHz)
40
50
60
70
80
1700
1800
1900
2000
RF Frequency (MHz)
40
50
60
70
80
1400
1575
1750
1925
2100
Frequency (MHz)
7
8
9
10
1400
1575
1750
1925
2100
RF Frequency (MHz)
Conversion Loss


Similar Part No. - MAMX-000013-003SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMX-000240-1225MT MACOM-MAMX-000240-1225MT Datasheet
284Kb / 4P
   Silicon Doubled Balanced HMIC Mixer 1700 - 2500 MHz
logo
M/A-COM Technology Solu...
MAMX-000240-1225MT MA-COM-MAMX-000240-1225MT Datasheet
85Kb / 4P
   Silicon Doubled Balanced HMIC Mixer 1700 - 2500 MHZ
MAMX-000240-1225MT MA-COM-MAMX-000240-1225MT Datasheet
85Kb / 4P
   Silicon Doubled Balanced HMIC Mixer
MAMX-000240-1225MT MA-COM-MAMX-000240-1225MT_15 Datasheet
85Kb / 4P
   Silicon Doubled Balanced HMIC Mixer
MAMX-000600-1225MT MA-COM-MAMX-000600-1225MT Datasheet
112Kb / 4P
   Silicon Doubled Balanced HMIC Mixer
More results

Similar Description - MAMX-000013-003SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MD54-0006 MA-COM-MD54-0006 Datasheet
132Kb / 4P
   Low Cost MMIC Mixer 1400 - 2100 MHz
logo
Tyco Electronics
MD54-0006 MACOM-MD54-0006 Datasheet
67Kb / 4P
   Low Cost MMIC Mixer 1400 MHz - 2100 MHz
logo
M/A-COM Technology Solu...
MAMXSS0013 MA-COM-MAMXSS0013 Datasheet
149Kb / 4P
   Low Cost MMIC Mixer 1400 - 2100 MHz
logo
Tyco Electronics
MD54-0005 MACOM-MD54-0005 Datasheet
68Kb / 4P
   Low Cost MMIC Mixer 800 - 1000 MHz
MAMXSS0012 MACOM-MAMXSS0012 Datasheet
176Kb / 3P
   Low Cost MMIC Mixer 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAMXSS0012 MA-COM-MAMXSS0012 Datasheet
95Kb / 3P
   Low Cost MMIC Mixer 800 - 1000 MHz
MD54-0005 MA-COM-MD54-0005 Datasheet
103Kb / 4P
   Low Cost MMIC Mixer 800 - 1000 MHz
691354 MA-COM-691354 Datasheet
95Kb / 3P
   Low Cost MMIC Mixer 800 - 1000 MHz
MAMXSS0013 MA-COM-MAMXSS0013 Datasheet
149Kb / 4P
   Low Cost MMIC Mixer
MAMXSS0012 MA-COM-MAMXSS0012 Datasheet
95Kb / 3P
   Low Cost MMIC Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com