Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPRST0912-50 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAPRST0912-50
Description  AVIONICS PULSED POWER TRANSISTOR 50 WATTS, 960-1215 MHz, 10us PULSE, 10% DUTY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAPRST0912-50 Datasheet(HTML) 4 Page - Tyco Electronics

  MAPRST0912-50 Datasheet HTML 1Page - Tyco Electronics MAPRST0912-50 Datasheet HTML 2Page - Tyco Electronics MAPRST0912-50 Datasheet HTML 3Page - Tyco Electronics MAPRST0912-50 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AVIONICS PULSED POWER TRANSISTOR
50 WATTS, 960-1215 MHz, 10us PULSE, 10% DUTY
MAPRST0912-50
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
4
01 Nov 2006
Test Fixture Circuit Dimensions
Test Fixture Assembly


Similar Part No. - MAPRST0912-50

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPRST0912-50 MA-COM-MAPRST0912-50 Datasheet
160Kb / 4P
   Avionics Pulsed Power Transistor 50W, 960-1215 MHz, 10關s Pulse, 10% Duty
MAPRST0912-50 MA-COM-MAPRST0912-50 Datasheet
160Kb / 4P
   Avionics Pulsed Power Transistor
MAPRST0912-50 MA-COM-MAPRST0912-50_13 Datasheet
165Kb / 4P
   NPN Silicon Microwave Power Transistors
MAPRST0912-50 MA-COM-MAPRST0912-50_17 Datasheet
674Kb / 5P
   Avionics Pulsed Power Transistor
More results

Similar Description - MAPRST0912-50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPR-000912-500S00 MACOM-MAPR-000912-500S00 Datasheet
122Kb / 4P
   AVIONICS PULSED POWER TRANSISTOR 500 WATTS, 960-1215 MHz, 10us PULSE, 10% DUTY
logo
M/A-COM Technology Solu...
MAPRST0912-350 MA-COM-MAPRST0912-350 Datasheet
122Kb / 4P
   Avionics Pulsed Power Transistor 350W, 960-1215 MHz, 10關s Pulse, 10% Duty
MAPRST0912-50 MA-COM-MAPRST0912-50 Datasheet
160Kb / 4P
   Avionics Pulsed Power Transistor 50W, 960-1215 MHz, 10關s Pulse, 10% Duty
MAPR-000912-500S00 MA-COM-MAPR-000912-500S00 Datasheet
126Kb / 4P
   Avionics Pulsed Power Transistor 500W, 960-1215 MHz, 10關s Pulse, 10% Duty
logo
Microsemi Corporation
TAN75A MICROSEMI-TAN75A Datasheet
540Kb / 4P
   75 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
GHz Technology
0912-7 GHZTECH-0912-7 Datasheet
332Kb / 3P
   7 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
List of Unclassifed Man...
TAN300 ETC1-TAN300 Datasheet
240Kb / 3P
   300 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
GHz Technology
0912-25 GHZTECH-0912-25 Datasheet
299Kb / 3P
   25 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
TAN150 GHZTECH-TAN150 Datasheet
168Kb / 2P
   150 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
List of Unclassifed Man...
TAN350 ETC-TAN350 Datasheet
117Kb / 3P
   350 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com