Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-000822-12770T Datasheet(PDF) 10 Page - Tyco Electronics

Part # MASW-000822-12770T
Description  HMICTM PIN Diode SP2T 8 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW-000822-12770T Datasheet(HTML) 10 Page - Tyco Electronics

Back Button MASW-000822-12770T Datasheet HTML 2Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 3Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 4Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 5Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 6Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 7Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 8Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 9Page - Tyco Electronics MASW-000822-12770T Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HMICTM PIN Diode SP2T 8 Watt Switch
for 0.05 – 6.0 GHz Higher Power Applications
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev 1.0
10
MASW-000822-12770T
RoHS
Compliant
Driver and SP2T Schematic with Positive and Negative Voltage
Notes for TTL Compatible Driver Functionality using +Vcc and –Vee.
1. The Mode Control defines the Type of TTL Logic. Grounding the Mode Control produces Inverting Logic:
TTL 0 ( Input ) = +V , + I ( Output ), and TTL 1 ( Input ) = -V, -I ( Output ).
Consequently Connecting the Mode Control to +5V , produces Non- Inverting Logic:
TTL 0 ( Input ) = -V , - I ( Output ), and TTL 1 ( Input ) = +V, +I ( Output ).
2. Open circuit output voltage ~ ( +Vcc-0.8V ) or( –Vee + 0.8V ). Diode Forward Voltage ,
∆Vd @ 50 mA ~ 1.0 V.
3. Rbias is used to build reverse D.C.voltage for the isolated , “ OFF “ , Series diode to Improve RF Linearity under High RF Signal.
Available Negative Bias Current = ( -Vee + ∆Vbe + ∆Vce + ∆Vd) / ( 75Ω + Rbias ) = ( -Vee + 0.3 V + 0.7+ 1.0 V ) / ( 75Ω + Rbias ). As example,
using –Vee = -12V for -50 mA bias current to forward Biased PIN Diode, Rbias = [ ( -12V + 2.0 V ) / - 0.05 A ] – 75Ω = 125 Ω.
In this example, using Rbias = 120 Ω ,Tx Bias Voltage ~ - [ (120 Ω*0.05A ) + 1.0 V ] ~ -7.0 V.
Using + Vcc = + 5V, the “ OFF “ Series Diode will have a Back Biased Voltage ~
| -6.0 V - ( 5 - 0.8 ) V | = | -10.2 V |.
4. The SP2T Switch can be operated from –Vee = -5V with slightly degraded Tx linearity.
RF State
TTL & D.C. Bias Conditions
Voltage at Common Anode
Rbias = 120Ω
- I bias = - 50 mA
Low Loss Tx-Ant &
Isolation Tx-Rx
TTL = 1
-12V @ -50mA ( Tx ), + 5V @ 0 mA ( Rx )
- 6.0 V
Low Loss Ant-Rx &
Isolation Rx-Tx
TTL = 0
-12V @ -50mA ( Rx ), + 5V @ 0 mA ( Tx )
- 6.0 V
D.C. Bias to RF Truth Table


Similar Part No. - MASW-000822-12770T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T_15 Datasheet
812Kb / 6P
   HMIC PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000822-12770T_V6 MA-COM-MASW-000822-12770T_V6 Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
More results

Similar Description - MASW-000822-12770T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000822-1277OT MA-COM-MASW-000822-1277OT Datasheet
215Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
209Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
255Kb / 12P
   HMICTM PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000822-12770T MA-COM-MASW-000822-12770T_15 Datasheet
812Kb / 6P
   HMIC PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000936 MA-COM-MASW-000936_15 Datasheet
650Kb / 8P
   PIN Diode SPDT 120 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000834_13560T MA-COM-MASW-000834_13560T_15 Datasheet
817Kb / 14P
   HMIC PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000822-12770T_V6 MA-COM-MASW-000822-12770T_V6 Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
MASW-000825-12770T_V4 MA-COM-MASW-000825-12770T_V4 Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com