Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-007070-0001TR Datasheet(PDF) 5 Page - Tyco Electronics

Part # MASW-007070-0001TR
Description  GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW-007070-0001TR Datasheet(HTML) 5 Page - Tyco Electronics

  MASW-007070-0001TR Datasheet HTML 1Page - Tyco Electronics MASW-007070-0001TR Datasheet HTML 2Page - Tyco Electronics MASW-007070-0001TR Datasheet HTML 3Page - Tyco Electronics MASW-007070-0001TR Datasheet HTML 4Page - Tyco Electronics MASW-007070-0001TR Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
!
"
#
$ $
%
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
& '
1
!
0''
0*'
0/'
0)'
0&'
* ''
'
0'''
*'''
('''
/'''
5
&
)
5
&
)
0''
0*'
0/'
0)'
0&'
* ''
'
0'''
*'''
('''
/'''
5
&
)
5
&
)
$1
%
9
"#$%
#
"4=
! <%
>
?
P
<
:
1(&


Similar Part No. - MASW-007070-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-007070-0001TR MA-COM-MASW-007070-0001TR Datasheet
154Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
More results

Similar Description - MASW-007070-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007071-000100 MACOM-MASW-007071-000100 Datasheet
268Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MASW-007070-000100 MA-COM-MASW-007070-000100 Datasheet
154Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
SW90-0001 MA-COM-SW90-0001 Datasheet
152Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100_15 Datasheet
808Kb / 6P
   GaAs SPDT Switch, Absorptive Single Supply, DC-4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
157Kb / 5P
   GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Tyco Electronics
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
   GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0010 MACOM-MASWCC0010 Datasheet
238Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
SW90-0003 MA-COM-SW90-0003 Datasheet
152Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0006 MA-COM-MASWCC0006 Datasheet
153Kb / 5P
   GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW90-0004A MA-COM-SW90-0004A Datasheet
154Kb / 5P
   GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com