Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSY103M35V6.3X11TBF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSY103M35V6.3X11TBF
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSY103M35V6.3X11TBF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSY103M35V6.3X11TBF Datasheet HTML 1Page - NIC-Components Corp. NRSY103M35V6.3X11TBF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
101
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
Miniature Aluminum Electrolytic Capacitors
REDUCED SIZE, LOW IMPEDANCE, RADIAL LEADS, POLARIZED
ALUMINUM ELECTROLYTIC CAPACITORS
FEATURES
• FURTHER REDUCED SIZING
• LOW IMPEDANCE AT HIGH FREQUENCY
• IDEALLY FOR SWITCHERS AND CONVERTERS
NRSY Series
CHARACTERISTICS
MAXIMUM IMPEDANCE (
Ω AT 100KHz AND 20oC)
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA RMS AT 10KHz ~ 200KHz AND 105OC)
µ �
��
µ �
��
)
z
H
(
y
c
n
e
u
q
e
r
F
K
1
<
f
<
0
0
1
K
0
1
<
f
<
K
1
f
<
K
0
1
0
0
1
<
C
<
2
2
5
5
.
0
8
.
0
0
.
1
0
0
0
1
<
C
<
0
0
1
7
.
0
9
.
0
0
.
1
C
<
0
0
0
1
9
.
0
5
9
.
0
0
.
1
RIPPLE CURRENT CORRECTION FACTOR
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
6.3 ~ 50Vdc
Capacitance Range
22 ~ 15,000
µF
Operating Temperature Range
-55 ~ +105°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current
After 2 minutes At +20°C
0.01CV or 3
µA, whichever is greater
Max. Tan
δ @ 120Hz/+20°C
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8
13
20
32
44
63
C < 1,000
µF
0.28
0.24
0.20
0.16
0.14
0.12
C = 2,200
µF
0.30
0.26
0.22
0.18
0.16
0.14
C = 3,300
µF
0.32
0.28
0.24
0.20
0.18
-
C = 4,700
µF
0.34
0.30
0.26
0.22
-
-
C = 6,800
µF
0.38
0.34
0.30
-
-
-
C = 10,000
µF
0.56
0.42
-
-
-
-
C = 15,000
µF
0.56
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-40°C/Z+20°C
3
3
2
2
2
2
Z-55°C/Z+20°C
6
5
4
4
3
3
Load Life Test at Rated W.V.
+105°C 1,000 Hours = 8
φ or less
+105°C 2,000 Hours = 10
φ
+105°C 3,000 Hours = 12.5
φ up
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value


Similar Part No. - NRSY103M35V6.3X11TBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSY103M10V16x315F NIC-NRSY103M10V16x315F Datasheet
148Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRSY103M63V16x25F NIC-NRSY103M63V16x25F Datasheet
148Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSY103M35V6.3X11TBF

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com