Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-007073-0001TB Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASW-007073-0001TB
Description  GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW-007073-0001TB Datasheet(HTML) 3 Page - Tyco Electronics

  MASW-007073-0001TB Datasheet HTML 1Page - Tyco Electronics MASW-007073-0001TB Datasheet HTML 2Page - Tyco Electronics MASW-007073-0001TB Datasheet HTML 3Page - Tyco Electronics MASW-007073-0001TB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
! !
"
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
#
(
##3
0
*
(
/
;+0
;+*
;+(
;+/
0
'
'
'
'
0
'
'
'
'
0
'
'
'
'
0
/
# "
#
#
' I $$66
O0 I $$64
' '
' 1
0 '
0 1
* '
' '
' 1
0 '
0 1
* '
* 1
( '
4
-56178
11
*1
&1
'
0'
*'
('
/'
1'
)'
.'
&'
-'
' '
' 1
0 '
0 1
* '
* 1
( '
4
-56178
0 '
0 *
0 /
0 )
0 &
* '
* *
' '
' 1
0 '
0 1
* '
* 1
( '
4
-56178
0 '
0 *
0 /
0 )
0 &
* '
* *
' '
' 1
0 '
0 1
* '
* 1
( '
4
-56178
:
++
#-
2
!
" # $ %&' ()* $ &*


Similar Part No. - MASW-007073-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-007073-0001TB MA-COM-MASW-007073-0001TB Datasheet
112Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results

Similar Description - MASW-007073-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW65-0314 MA-COM-SW65-0314 Datasheet
111Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007073-000100 MA-COM-MASW-007073-000100 Datasheet
112Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Tyco Electronics
SW65-0314 MACOM-SW65-0314 Datasheet
216Kb / 2P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0440 MACOM-SW65-0440 Datasheet
304Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
SW65-0014 MACOM-SW65-0014 Datasheet
212Kb / 2P
   GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007072-000100 MA-COM-MASW-007072-000100 Datasheet
130Kb / 5P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Tyco Electronics
SW65-0114 MACOM-SW65-0114 Datasheet
211Kb / 2P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0313 MACOM-SW65-0313 Datasheet
251Kb / 3P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0014 MA-COM-SW65-0014 Datasheet
114Kb / 4P
   GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0313 MA-COM-SW65-0313 Datasheet
129Kb / 5P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com