Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSRW100M50V4X5F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NSRW100M50V4X5F
Description  Miniature Aluminum Electrolytic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSRW100M50V4X5F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NSRW100M50V4X5F Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
80
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
81
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
PART NUMBER SYSTEM
NSRW 100 M 16V 4X5 F .
RoHS Compliant
Case Size (D
φ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Miniature Aluminum Electrolytic Capacitors
NSRW Series
SUPER LOW PROFILE, WIDE TEMPERATURE,
RADIAL LEADS, POLARIZED
FEATURES
• 5mm MAX. HEIGHT
• EXTENDED TEMPERATURE -55 TO +105OC
CHARACTERISTICS
LEAD SPACING AND DIAMETER (mm)
MAXIMUM PERMISSIBLE RIPPLE
CURRENT (mA rms AT 120Hz AND 105oC)
MAXIMUM E.S.R. (
Ω AT 120Hz AND 20oC)
e
g
n
a
R
e
g
a
tl
o
V
g
n
i
k
r
o
W
d
e
t
a
R
c
d
V
0
5
~
3
.
6
e
g
n
a
R
e
c
n
a
ti
c
a
p
a
C
0
0
1
~
1
.
0
µF
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
5
5
- o
5
0
1
+
~
C
O
C
e
c
n
a
r
e
l
o
T
e
c
n
a
ti
c
a
p
a
C
+
)
M
(
%
0
2
t
n
e
r
r
u
C
e
g
a
k
a
e
L
.
x
a
M
0
2
t
A
s
e
t
u
n
i
m
2
r
e
tf
A
o
C
3
r
o
V
C
1
0
.
0
µA
r
e
t
a
e
r
g
s
i
r
e
v
e
h
c
i
h
W
n
o
it
a
p
i
s
s
i
D
&
e
g
a
tl
o
V
e
g
r
u
S
n
a
T
(
r
o
t
c
a
F
δ)
)
c
d
V
(
.
V
.
W
3
.
6
0
1
6
1
5
2
5
3
0
5
)
c
d
V
(
.
V
.
S
8
3
1
0
2
2
3
4
4
3
6
n
a
T
δ
z
H
0
2
1
@
6
2
.
0
2
2
.
0
6
1
.
0
4
1
.
0
2
1
.
0
0
1
.
0
y
ti
li
b
a
t
S
e
r
u
t
a
r
e
p
m
e
T
w
o
L
)
z
H
0
2
1
@
o
it
a
R
e
c
n
a
d
e
p
m
I
(
)
c
d
V
(
.
V
.
W
3
.
6
0
1
6
1
5
2
5
3
0
5
0
4
-
Z
o
0
2
+
Z
/
C
o
C
4
3
2
2
2
2
5
5
-
Z
o
0
2
+
Z
/
C
o
C
6
5
4
3
3
3
5
0
1
+
@
t
s
e
T
e
fi
L
o
C
s
r
u
o
h
0
0
0
,
1
e
g
n
a
h
C
e
c
n
a
ti
c
a
p
a
C
n
i
h
ti
W
+
e
u
l
a
v
l
a
it
i
n
i
f
o
%
5
2
r
o
t
c
a
F
n
o
it
a
p
i
s
s
i
D
e
u
l
a
v
m
u
m
i
x
a
m
d
e
if
i
c
e
p
s
f
o
%
0
0
2
n
a
h
t
s
s
e
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
u
l
a
v
m
u
m
i
x
a
m
d
e
if
i
c
e
p
s
n
a
h
t
s
s
e
L
µ �
��
µ �
��
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
µ �
��
��
��
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NSRW100M50V4X5F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSRW101M10V4X5TBF NIC-NSRW101M10V4X5TBF Datasheet
121Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
NSRW101M10V5X5TBF NIC-NSRW101M10V5X5TBF Datasheet
121Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
NSRW101M10V6.3X5TBF NIC-NSRW101M10V6.3X5TBF Datasheet
121Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
NSRW101M16V4X5TBF NIC-NSRW101M16V4X5TBF Datasheet
121Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
NSRW101M16V5X5TBF NIC-NSRW101M16V5X5TBF Datasheet
121Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NSRW100M50V4X5F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com