Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QRW040A0Y1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # QRW040A0Y1
Description  QRW 40A single output series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

QRW040A0Y1 Datasheet(HTML) 1 Page - Tyco Electronics

  QRW040A0Y1 Datasheet HTML 1Page - Tyco Electronics QRW040A0Y1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Preliminary Product Brief *
For Discussion with Tyco Electronics Customers Only – Tyco Electronics Proprietary
I)
This product is intended for integration into end-use equipment. All the required procedures for CE marking of end-use equipment should be fol lowed.
II)
CSA is a registered trademark of Canadian Standards Association.
III)
UL is a registered trademark of Underwriters Laboratories, Inc.
IV)
VDE is a trademark of Verband Deutcher Elektrotechniker e.V.
(approval pending)
The
QRW-series
dc-dc
converters
are
a
new
generation of DC/DC power modules designed for
optimum efficiency and power density. The QRW
provides up to 40A output current in an industry
standard quarter brick, which makes it an ideal choice
for small space, high current and low voltage
applications.
The
converter
uses
synchronous
rectification technology and innovative packaging
techniques to achieve ultra high efficiency reaching
91% at 3.3V full load. Thanks to the ultra high
efficiency of this converter, the power dissipation is
such that for most applications a heat sink is not
required. In addition, the QRW-series supports future
migration of semiconductor and microprocessor supply
voltages down to 1.0V.
QRW 40A single output series
Delivers up to 40A output current
Ultra High Efficiency: 91% @ 3.3V full load
Improved Thermal Performance:
25A at 70
°C at 1ms
-1 (200LFM)
High power density: 100W/in³
Low output voltages down to 1V:
supports migration to future IC and
microprocessor supply voltages
Active load sharing option: Paralleling
Cost efficient open frame design
Optional heat-sink: to permit operation
over extended ambient temperature ranges
Applications
Wireless Networks
Access and Optical Network Equipment
Enterprise Networks
Latest generation ICs (DSP, FPGA, ASIC)
and Microprocessor powered applications
Specification
Tightly regulated output, typical ±1%
Monotonic start-up into pre-biased output
Output voltage adjustment trim +10% / -20%
Load regulation
± 0.2%
Line regulation
± 0.2%
No minimum load required
Ripple and noise (5Hz to 20MHz bandwidth)
– RMS 40mVrms (3.3V)
– Peak to peak 150mVpk-pk (3.3V)
Operating temperature range: -40
°C to 110°C
Designed to meet basic insulation
1500Vdc isolation voltage
Remote output voltage sensing
Protection
Output overcurrent and overvoltage protection
Over-temperature protection
Input under voltage protection
Options
Positive remote on/off logic
Active load sharing (Paralleling)
Case ground pin
Auto restart after fault shutdown
Heatsink
Industry standard Quarter brick DC/DC converter,
36Vdc-75Vdc (48V) input voltage range,
Output voltages available from 12V-1.0V
I
II
III
IV
Phone: 800-253-0490
Fax: 408-732-2002
www.xp-foresight.com


Similar Part No. - QRW040A0Y1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QRW040A0Y1 LINEAGEPOWER-QRW040A0Y1 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
More results

Similar Description - QRW040A0Y1

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW1V540 GALAXY-GAQW1V540 Datasheet
804Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW1V240 GALAXY-GAQW1V240 Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240 GALAXY-GAMW1V240 Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V840 GALAXY-GAMW1V840 Datasheet
985Kb / 7P
   48V Input, 1.8VDC, 40A Output
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com