Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSR2R2M16V4X5TBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSR2R2M16V4X5TBF
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSR2R2M16V4X5TBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSR2R2M16V4X5TBF Datasheet HTML 1Page - NIC-Components Corp. NSR2R2M16V4X5TBF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
54
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
55
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
NSR Series
LEAD SPACING AND DIAMETER (mm)
* NOTE THAT LEAD SPACING OF 8x5mm SIZE IS 2.5mm.
DIMENSIONS (mm)
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
µ �
��
D
(
.
a
i
D
e
s
a
C
∅)
3
4
5
3
.
6
*
8
d
(
.
a
i
D
s
d
a
e
L
∅)
4
.
0
5
4
.
0
5
4
.
0
5
4
.
0
5
4
.
0
)
F
(
g
n
i
c
a
p
S
d
a
e
L
0
.
1
5
.
1
0
.
2
5
.
2
*
5
.
2
.
m
i
D
α
5
.
0
5
.
0
5
.
0
5
.
0
5
.
0
.
m
i
D
β
0
.
1
0
.
1
0
.
1
0
.
1
0
.
1
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking


Similar Part No. - NSR2R2M16V4X5TBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR201MX ONSEMI-NSR201MX Datasheet
168Kb / 7P
   Schottky Barrier Diode for Mixer and Detector
January, 2019 ??Rev. 2
NSR201MXT5G ONSEMI-NSR201MXT5G Datasheet
168Kb / 7P
   Schottky Barrier Diode for Mixer and Detector
January, 2019 ??Rev. 2
NSR20204NXT5G ONSEMI-NSR20204NXT5G Datasheet
62Kb / 5P
   2 A, 20 V, Schottky Barrier Diode
August, 2016 ??Rev. 2
NSR20206NXT5G ONSEMI-NSR20206NXT5G Datasheet
62Kb / 5P
   2 A, 20 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR20305NXT5G ONSEMI-NSR20305NXT5G Datasheet
62Kb / 5P
   2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
More results

Similar Description - NSR2R2M16V4X5TBF

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com