Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBD2835 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMBD2835
Description  High-speed double diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBD2835 Datasheet(HTML) 2 Page - NXP Semiconductors

  PMBD2835 Datasheet HTML 1Page - NXP Semiconductors PMBD2835 Datasheet HTML 2Page - NXP Semiconductors PMBD2835 Datasheet HTML 3Page - NXP Semiconductors PMBD2835 Datasheet HTML 4Page - NXP Semiconductors PMBD2835 Datasheet HTML 5Page - NXP Semiconductors PMBD2835 Datasheet HTML 6Page - NXP Semiconductors PMBD2835 Datasheet HTML 7Page - NXP Semiconductors PMBD2835 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1996 Sep 18
2
Philips Semiconductors
Product specification
High-speed double diodes
PMBD2835; PMBD2836
FEATURES
• Small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage:
max. 35 V and 75 V respectively
• Repetitive peak reverse voltage:
max. 85 V
• Repetitive peak forward current:
max. 450 mA.
APPLICATIONS
• High-speed switching in e.g.
surface mounted circuits.
DESCRIPTION
The PMD2835, PMD2836 consist of
two high-speed switching diodes with
common anodes, fabricated in planar
technology, and encapsulated in
small plastic SMD SOT23 packages.
MARKING
TYPE NUMBER
MARKING
CODE
PMBD2835
pA3
PMBD2836
pA2
PINNING
PIN
DESCRIPTION
1
cathode (k1)
2
cathode (k2)
3
common anode
Fig.1 Simplified outline (SOT23) and symbol.
handbook, 4 columns
21
3
MAM206
Top view
21
3


Similar Part No. - PMBD2835

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBD2837 PHILIPS-PMBD2837 Datasheet
43Kb / 8P
   High-speed double diodes
1996 Sep 18
PMBD2838 PHILIPS-PMBD2838 Datasheet
43Kb / 8P
   High-speed double diodes
1996 Sep 18
More results

Similar Description - PMBD2835

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBD2837 PHILIPS-PMBD2837 Datasheet
43Kb / 8P
   High-speed double diodes
1996 Sep 18
1PS89SS04 PHILIPS-1PS89SS04 Datasheet
76Kb / 12P
   High-speed double diodes
1999 Jun 08
BA316 PHILIPS-BA316 Datasheet
39Kb / 7P
   High-speed diodes
1996 Sep 03
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
   High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
   High-speed diodes
1996 Sep 18
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
   High-speed diodes
1996 Sep 03
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
   High-speed diodes
1996 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com