Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLVA665A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PLVA665A
Description  Low-voltage avalanche regulator diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLVA665A Datasheet(HTML) 3 Page - NXP Semiconductors

  PLVA665A Datasheet HTML 1Page - NXP Semiconductors PLVA665A Datasheet HTML 2Page - NXP Semiconductors PLVA665A Datasheet HTML 3Page - NXP Semiconductors PLVA665A Datasheet HTML 4Page - NXP Semiconductors PLVA665A Datasheet HTML 5Page - NXP Semiconductors PLVA665A Datasheet HTML 6Page - NXP Semiconductors PLVA665A Datasheet HTML 7Page - NXP Semiconductors PLVA665A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 May 25
3
Philips Semiconductors
Product specification
Low-voltage avalanche regulator diodes
PLVA600A series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF =10mA
−−
0.9
V
VZ
working voltage
IZ = 250 µA
PLVA650A
4.80
5.00
5.20
V
PLVA653A
5.10
5.30
5.50
V
PLVA656A
5.40
5.60
5.80
V
PLVA659A
5.70
5.90
6.10
V
PLVA662A
6.00
6.20
6.40
V
PLVA665A
6.30
6.50
6.70
V
PLVA668A
6.60
6.80
7.00
V
VZ
working voltage
IZ =10 µA
PLVA650A
4.30
V
PLVA653A
5.20
V
PLVA656A
5.51
V
PLVA659A
5.85
V
PLVA662A
6.19
V
PLVA665A
6.49
V
PLVA668A
6.80
V
RZ
dynamic resistance
1 kHz superimposed;
IZAC is 10% of IZDC; IZ = 250 µA
PLVA650A
−−
700
PLVA653A
−−
250
PLVA656A to PLVA668A
−−
100
SZ
temperature coefficient
IZ = 250 µA
PLVA650A
0.20
mV/K
PLVA653A
1.60
mV/K
PLVA656A
1.90
mV/K
PLVA659A
2.40
mV/K
PLVA662A
2.65
mV/K
PLVA665A
2.90
mV/K
PLVA668A
3.40
mV/K
IR
reverse current
VR = 80% VZ nominal
PLVA650A
−−
20000
nA
PLVA653A
−−
5000
nA
PLVA656A
−−
1000
nA
PLVA659A
−−
500
nA
PLVA662A
−−
100
nA
PLVA665A
−−
50
nA
PLVA668A
−−
10
nA


Similar Part No. - PLVA665A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PLVA665A NEXPERIA-PLVA665A Datasheet
223Kb / 10P
   Low-voltage avalanche regulator diodes
Rev. 4 - 1 January 2023
PLVA665A-Q NEXPERIA-PLVA665A-Q Datasheet
206Kb / 10P
   Low-voltage avalanche regulator diodes
Rev. 1 - 12 May 2022
More results

Similar Description - PLVA665A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLVA400A PHILIPS-PLVA400A Datasheet
22Kb / 5P
   Low-voltage avalanche regulator diodes
1996 Apr 26
logo
Nexperia B.V. All right...
PLVA6XXA-Q_SER NEXPERIA-PLVA6XXA-Q_SER Datasheet
206Kb / 10P
   Low-voltage avalanche regulator diodes
Rev. 1 - 12 May 2022
PLVA6XXA_SER NEXPERIA-PLVA6XXA_SER Datasheet
223Kb / 10P
   Low-voltage avalanche regulator diodes
Rev. 4 - 1 January 2023
PLVA2600A_SERIES NEXPERIA-PLVA2600A_SERIES Datasheet
389Kb / 9P
   Low-voltage avalanche regulator double diodes
2001 Oct 15
PLVA2600A_SER NEXPERIA-PLVA2600A_SER Datasheet
389Kb / 9P
   Low-voltage avalanche regulator double diodes
2001 Oct 15
logo
NXP Semiconductors
PLVA2600A PHILIPS-PLVA2600A Datasheet
56Kb / 8P
   Low-voltage avalanche regulator double diodes
1999 May 10
logo
Jinan Gude Electronic D...
1N5518 JGD-1N5518 Datasheet
243Kb / 2P
   0.4W LOW VOLTAGE AVALANCHE DIODES
logo
New Jersey Semi-Conduct...
1N5518 NJSEMI-1N5518 Datasheet
191Kb / 1P
   0.4W LOW VOLTAGE AVALANCHE DIODES
logo
Microsemi Corporation
1N5518 MICROSEMI-1N5518 Datasheet
83Kb / 2P
   LOW VOLTAGE AVALANCHE DIODES DO-7
1N5518-1 MICROSEMI-1N5518-1 Datasheet
81Kb / 2P
   LOW VOLTAGE AVALANCHE DIODES DO-35
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com