Electronic Components Datasheet Search |
|
MASYVS0061-1066R Datasheet(PDF) 1 Page - Tyco Electronics |
|
MASYVS0061-1066R Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 3 page Synthesizer , SMT 1046 — 1085 MHz, 200 kHz M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A- COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A- COM assume any liability whatsoever arising out of the use. or application of any product(s) or information. • North America Tel: 800.366.2266 / Fax: 978.366.2266 • Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 • Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. 1 MASYVS0061-1066 Features ♦ Fully Integrated VCO, PLL, Loop Filter ♦ High Performance, Low Cost ♦ Miniature SMT Package (LSM6) Description This synthesizer design integrates a high performance VCO, PLL, IC and discrete loop filter in a surface mount package. This SMT package provides electrical shielding, easy PCB assembly and re- peatable performance. The synthesizer is designed for use in wire- less base stations. M/A-COM synthesizers are manufactured in an ISO9001 certified facility, incorporating surface mount assembly and automated elec- trical testing. This ensures consistent electrical performance and quality over volume production quantities. Electrical Specifications 1: TA = +25°C, Z0 = 50 Ohms, Fref = 10MHz, Vcc1 = 5V, Vcc2 = 3.3V. Parameter Test Conditions Units Min Typ Max Frequency Range Over Top 2 MHz 1046 1085 RF Output Power Over Top 2 dBm +2.5 +7.5 Phase Noise SSB at 600 kHz offset from carrier SSB at 800 kHz offset from carrier SSB at 1800 kHz offset from carrier SSB at 6000 kHz offset from carrier dBc/Hz dBc/Hz dBc/Hz dBc/Hz -145 -151 -153 -160 -144 -148 -151 -157 Harmonic Suppression dBc -33 -20 Spurious Suppression (Non-Harmonic) Phase comparison frequency ( ± 200 kHz) ± 400 kHz ± 600 kHz ± 800 kHz Reference breakthrough ( ± 10 MHz) dBc dBc dBc dBc dBc -85 -87 -93 -97 -100 -79 -84 -90 -95 -97 Frequency Lock Time Over Fout , Measured to within ± 4 degrees υs 450 VCO Supply Current (ICC1) Recommended operating condition mA 47 55 PLL Supply Current (ICC2) Recommended operating condition mA 13 15 VCO Power Supply (VCC1) Recommended operating condition V +4.75 +5.00 +5.25 PLL Power Supply (VCC2) Recommended operating condition V +3.1 +3.3 +3.5 Phase Error (rms) Measured over 577 υs time slot Degree 0.6 1.0 Phase Error (peak) Measured over 577 υs time slot Degree 1.7 4 1. All specification limits are indicated values @ +25 ºC and apply over Fout unless otherwise stated. 2. Top = -40ºC to +85ºC operating temperature. Rev: E |
Similar Part No. - MASYVS0061-1066R |
|
Similar Description - MASYVS0061-1066R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |