Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC2713-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MC2713-2
Description  Open Carrier Double-Balanced Mixer For Microwave Telecommunications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MC2713-2 Datasheet(HTML) 1 Page - Tyco Electronics

  MC2713-2 Datasheet HTML 1Page - Tyco Electronics MC2713-2 Datasheet HTML 2Page - Tyco Electronics MC2713-2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"#$ %& ' &( )
'
*
+ &
(
, '
-
.
"/01
1
23 " $ - 45" .-
62 " 7/4 0. -
2
$--
84953/$$ 43-
2" 8.8 :0-
;$ 28 ;;-
3 8-
/2.
, " .-
62
08-- . *3,/8
8<9 4-
26 :0 " "-
/" . 2" 14/ "1 2" ./78"- 384-
3
2" 744-
8 1 02.8/ 88-
2
3
28; 47/4$ 23
,-
.$- 43 2
./1 0. " . ;, . " 838/4 2"/41-
=;, . $ /"0 8/4.-
23
8,
;/48 -
.
3/0; " 8/ 8
,
"-
/" .
,
0. /7 ,-
6,
8$ ; 4 804
./" 4
2" > " "
.. $ 19 ;4/3 .. . 0. "
-
2842 9 $ < . -
8 -
"
7/4 0.
-
2 $ 20 5 . $-
= 08/$ 8"
.. $19
2?-
4/2$ 28 .34 2-
26 ? - 1
8/ ' =*
=
5
' =*
=
5/4' =
=
53/2.08738/49
'
; 2
44-4
'
=
; 2
44-4
! " #!
$ " %&' (
) *
+
,-
.
/
0
.,
1
%2#3/
4#53
%6#3/
**# /2? 4.-
/2 /..
%$
)@ **# &/-
.
-
604 %$
)
"#
"#
./ 8-
/25 8/
%$-
2)
7 A
8/
"#
./ 8-
/25 8/ %$ -
2)
7 A
8/
"#
./ 8-
/25 8/ %$ -
2)
7 A
8/
"#
"# /2? 4.-
/2 /$ ;
7 A !
"#$
"#$
!
2;08+
"#$
!


Similar Part No. - MC2713-2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MC2713-2 MA-COM-MC2713-2 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
More results

Similar Description - MC2713-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MC4113 MACOM-MC4113 Datasheet
317Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC4510 MACOM-MC4510 Datasheet
323Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
logo
M/A-COM Technology Solu...
MC2307 MA-COM-MC2307 Datasheet
93Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2310 MA-COM-MC2310 Datasheet
93Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2320 MA-COM-MC2320 Datasheet
94Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2413 MA-COM-MC2413 Datasheet
95Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2710 MA-COM-MC2710 Datasheet
95Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2707 MA-COM-MC2707 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC4113 MA-COM-MC4113 Datasheet
121Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC4507 MA-COM-MC4507 Datasheet
120Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC4510 MA-COM-MC4510 Datasheet
122Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com