Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTWSB1AS201T260A00 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # PTWSB1AS201T260A00
Description  POSISTOR for Heater
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTWSB1AS201T260A00 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

  PTWSB1AS201T260A00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PTWSB1AS201T260A00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PTWSB1AS201T260A00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PTWSB1AS201T260A00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PTWSB1AS201T260A00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PTWSB1AS201T260A00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PTWSB1AS201T260A00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Note:
1. Export Control
<For customers outside Japan>
No muRata products should be used or sold, through any channels, for use in the design, development, production, utilization, maintenance or operation of, or
otherwise contribution to (1) any weapons (Weapons of Mass Destruction (nuclear, chemical or biological weapons or missiles) or conventional weapons) or (2)
goods or systems specially designed or intended for military end-use or utilization by military end-users.
<For customers in Japan>
For products which are controlled items subject to the “Foreign Exchange and Foreign Trade Law” of Japan, the export license specified by the law is required
for export.
2. Please contact our sales representatives or product engineers before using the products in this catalog for the applications listed below, which require especially
high reliability for the prevention of defects which might directly damage a third party's life, body or property, or when one of our products is intended for use in
applications other than those specified in this catalog.
q Aircraft equipment
w Aerospace equipment
e Undersea equipment
r Power plant equipment
t Medical equipment
y Transportation equipment (vehicles, trains, ships, etc.)
u Traffic signal equipment
i Disaster prevention / crime prevention equipment
o Data-processing equipment
!0 Application of similar complexity and/or reliability requirements to the applications listed above
3. Product specifications in this catalog are as of July 2001. They are subject to change or our products in it may be discontinued without advance notice. Please
check with our sales representatives or product engineers before ordering. If there are any questions, please contact our sales representatives or product
engineers.
4. Please read rating and
CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
5. This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or
transact the approval sheet for product specifications before ordering.
6. Please note that unless otherwise specified, we shall assume no responsibility whatsoever for any conflict or dispute that may occur in connection with the effect
of our and/or a third party's intellectual property rights and other related rights in consideration of your use of our products and/or information described or
contained in our catalogs. In this connection, no representation shall be made to the effect that any third parties are authorized to use the rights mentioned
above under licenses without our consent.
7. No ozone depleting substances (ODS) under the Montreal Protocol are used in our manufacturing process.
International Division
3-29-12, Shibuya, Shibuya-ku, Tokyo 150-0002, Japan
Phone: 81-3-5469-6123 Fax: 81-3-5469-6155 E-mail: intl@murata.co.jp
Head Office
1-10-1, Higashi Kotari, Nagaokakyo-shi, Kyoto 617-8555, Japan
Phone: 81-75-951-9111
http://www.murata.com/
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
R19E3.pdf 01.10.26
POSISTORr and "POSISTOR" in this catalog are the trademarks of Murata Manufacturing Co., Ltd.


Similar Part No. - PTWSB1AS201T260A00

ManufacturerPart #DatasheetDescription
logo
Vitec Power
PTWA-053 Vitec-PTWA-053 Datasheet
290Kb / 2P
   6W Interchangeable Plug Type for I.T. Equipment
PTWA-053-SERIES Vitec-PTWA-053-SERIES Datasheet
290Kb / 2P
   6W Interchangeable Plug Type for I.T. Equipment
PTWA-053-xxxyyy Vitec-PTWA-053-xxxyyy Datasheet
290Kb / 2P
   6W Interchangeable Plug Type for I.T. Equipment
PTWA-053-xxxyyy Vitec-PTWA-053-xxxyyy Datasheet
290Kb / 2P
   6W Interchangeable Plug Type for I.T. Equipment
PTWA-060 Vitec-PTWA-060 Datasheet
375Kb / 2P
   6W Multi-Plug Power Supply for I.T. Equipment
More results

Similar Description - PTWSB1AS201T260A00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTH9M0 MURATA-PTH9M0 Datasheet
32Kb / 1P
   POSISTOR for Circuit Protection
PRF18BA471QB5RB MURATA-PRF18BA471QB5RB Datasheet
1Mb / 104P
   POSISTOR for Circuit Protection
logo
Toshiba Semiconductor
T6B70AF TOSHIBA-T6B70AF Datasheet
280Kb / 15P
   Interface IC for Water Heater
logo
STEGO Elektrotechnik Gm...
CP061 STEGO-CP061 Datasheet
177Kb / 1P
   FLAT HEATER
19.08.2020
LP165 STEGO-LP165 Datasheet
583Kb / 1P
   ENCLOSURE HEATER
11.11.2022
LPS164 STEGO-LPS164 Datasheet
352Kb / 1P
   ENCLOSURE HEATER
11.11.2022
LTS064 STEGO-LTS064 Datasheet
484Kb / 1P
   ENCLOSURE HEATER
11.11.2022
logo
List of Unclassifed Man...
YB80-240 ETC-YB80-240 Datasheet
123Kb / 1P
   PTC Heater
logo
STEGO Elektrotechnik Gm...
HG140 STEGO-HG140 Datasheet
151Kb / 1P
   SEMICONDUCTOR HEATER
19.03.2019
LTF065 STEGO-LTF065 Datasheet
474Kb / 1P
   ENCLOSURE HEATER
11.11.2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com