Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB-TA3020-2 Datasheet(PDF) 9 Page - Tripath Technology Inc.

Part # RB-TA3020-2
Description  CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

RB-TA3020-2 Datasheet(HTML) 9 Page - Tripath Technology Inc.

Back Button RB-TA3020-2 Datasheet HTML 5Page - Tripath Technology Inc. RB-TA3020-2 Datasheet HTML 6Page - Tripath Technology Inc. RB-TA3020-2 Datasheet HTML 7Page - Tripath Technology Inc. RB-TA3020-2 Datasheet HTML 8Page - Tripath Technology Inc. RB-TA3020-2 Datasheet HTML 9Page - Tripath Technology Inc. RB-TA3020-2 Datasheet HTML 10Page - Tripath Technology Inc. RB-TA3020-2 Datasheet HTML 11Page - Tripath Technology Inc. RB-TA3020-2 Datasheet HTML 12Page - Tripath Technology Inc. RB-TA3020-2 Datasheet HTML 13Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
The OEM may benefit from some experimentation in the filter design, but the values provided in the
ference design, 11.3uH and 0.22uF (nominal resonant frequency of 101kHz), provide excellent results
s, the material used in the core is important to the performance of
e filter. Core materials that saturates too easily will not provide acceptable distortion or efficiency
e an amplifier is powered up with no load
ttached. The Q of the LC output filter, with no load attached, rises quickly out to 80kHz. Resonant
g on the outputs of the FETs.
hese parts are placed as closely as possible to the leads of the FETs, and the leads of the capacitors
he amplifier is connected to the power supplies and load as shown in Figure 9. Note that an inverter
(i.e. Channel 2). The main reason for processing the
test bridged mode
peration. If the evaluation setup does not provide two out of phase signals, there is another way to
. The input signal is still
pplied to (J100) and is inverted on chip thus providing the input signal for Channel 2 via J200. If the gain
re
for most loads between 4
Ω and 8Ω.
As important as the values themselve
th
figures.
Tripath recommends a low-mu core, like type 2, iron powder cores.
Micrometals,
(www.micrometals.com), is a main supplier of iron powder cores. The core part number used on the RB-
TA3020 is T106-2 and is wound with 29 turns of 16AWG wire.
The Zobel circuits R117/C109 and R217/C209 are there in cas
a
currents in the filter and ringing on the output could reduce the reliability of the amplifier. The Zobel
eliminates these problems by reducing the Q of the network significantly above 50kHz. Modifying the LC
output filter should not require a recalculation of the Zobel value, though depending on application, the
power capability of R117 and R217 may need to be increased to 5W from 2W. The components used on
the reference board should be quite adequate for almost all applications.
The bypass capacitors C105/C205 are critical to the reduction of ringin
T
themselves are as short as practical. Their values will not change with different output FETs.
Connection Diagram for Bridge Mode Operation
T
has been added in front of one of the channel inputs
channels out of phase is to avoid potential problems with switching power supplies, but it also simplifies
the connections for bridged-mode operation. For bridged operation, simply connect the “-“ terminal to the
output of the inverted channel* (Channel 1 output, J101 pin 1) and the “+” terminal to the output of the
non-inverted channel with respect to the input signal (Channel 2 output, J201 pin 2).
The connection shown in Figure 9 is the easiest way to use the RB-TA3020 to
o
evaluate bridge mode operation. This requires the RB-TA3020 to be modified.
Change R201 to 20K
Ω from 49.9KΩ. Connect Pin 26 (OAOUT1) to IN2 on J200
a
of the system needs to be modified, R101 can be adjusted. R201 should be left at 20K
Ω. If stereo
operation is again desired, then the value of R101 and R201 must be made the same to ensure nominal
gain for both channels. Additionally, the connection between Pin 26 and IN2 on J200 should be removed.
9
RB-TA3020, Rev. 3.0/03.02


Similar Part No. - RB-TA3020-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB-TK2019 ETC-RB-TK2019 Datasheet
408Kb / 11P
   2 X 20W CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD
RB-TK2050 ETC-RB-TK2050 Datasheet
415Kb / 13P
   CLASS-T DIGITAL AUDIO AMPLIFIER 1 CHANNEL TK2050 REFERENCE BOARD
RB-TK2051 ETC-RB-TK2051 Datasheet
594Kb / 14P
   CLASS-T DIGITAL AUDIO AMPLIFIER 6 CHANNEL TK2051 REFERENCE BOARD
More results

Similar Description - RB-TA3020-2

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
   STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
   STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
   STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com