Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP03YS220 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NCP03YS220
Description  for Surface Mounting Application
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP03YS220 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NCP03YS220 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NCP03YS220 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP03YS220 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP03YS220 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP03YS220 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP03YS220 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP03YS220 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP03YS220 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP03YS220 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Circuit Examples
PRF18 Series Characteristics
The POSISTORr has the
following advantages over
Bimetal devices.
1. Noise free
2. No contact problems
3. Low price
The POSISTORr has the
following additional advantages
over Zener Diodes.
1. Reduced numbers of parts
used in circuits
2. Reduced process costs of
mounting parts on PCBs
3. Reduces occupied space,
helping high density PCB
mounting
Bimetal
Zener Diode
POSISTORr
POSISTORr
PRF
+
-
PRF
Zener Diode
POSISTORr
Mounting Area
Parts
10x10 = 100mm2
6x6 = 36mm2
Parts
Diode
Transistor
Resistor
Op. Amp.
UPS
1
2
7
1
Parts
POSISTORr
Transistor
Resistor
Op. Amp.
UPS
1
1
2
0
Total
11
Total
4
Part Number
Characteristics
Resistance
(at +25
°C)
Sensing Temp. *
(at 4.7k ohm)
Maximum
Voltage
Operating Temp.
PRF18AS471QB1RB
PRF18AR471QB1RB
PRF18BA471QB1RB
PRF18BB471QB1RB
PRF18BC471QB1RB
PRF18BD471QB1RB
PRF18BE471QB1RB
PRF18BF471QB1RB
PRF18BG471QB1RB
AS
AR
BA
BB
BC
BD
BE
BF
BG
470 ohm
±50%
145
±5°C
135
±5°C
125
±5°C *
115
±5°C *
105
±5°C *
95
±5°C *
85
±5°C *
75
±5°C
65
±5°C
32VDC
Maximum
Current
30mA
-20 to +160
°C
-20 to +150
°C
-20 to +140
°C
-20 to +130
°C
-20 to +120
°C
-20 to +110
°C
-20 to +100
°C
-20 to + 90
°C
-20 to + 80
°C
(in mm)
Electrode
Construction
Cross-sectional
Nickel Barrier
Sn Plating
Ceramic
PTC
0.1-0.6
1.6
±0.15
0.8
±0.15
0.8
±0.15
* Also available with tolerance
±3°C
Rating (0603) - Lead Free Terminations Type and UL1434 (except BF, BG types)
Dimensions
Part Number
Characteristics
Resistance
(at +25
°C)
Sensing Temp.
(at 4.7k ohm)
Maximum
Voltage
Operating Temp.
PRF18BA473QB1RB
Low Current Consumption!
BA
130
±5°C
-20 to +140
°C
New
470k ohm
±50%
32VDC
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R01E.pdf
06.1.25


Similar Part No. - NCP03YS220

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03YS22005RL MURATA-NCP03YS22005RL Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
NCP03YS22005RL MURATA-NCP03YS22005RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03YS220J05RL MURATA-NCP03YS220J05RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP03YS220

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
FSM11 DGNJDZ-FSM11 Datasheet
106Kb / 2P
   For Surface Mount Application
logo
First Silicon Co., Ltd
RS1A FS-RS1A Datasheet
347Kb / 2P
   For surface mounted application
logo
Leshan Radio Company
LBZT52C2V4T1G LRC-LBZT52C2V4T1G Datasheet
639Kb / 3P
   Ideal for Surface Mountted Application
logo
Sangdest Microelectroni...
FTB6F-15FP SMC-FTB6F-15FP Datasheet
155Kb / 4P
   Designed for Surface Mount Application
logo
Leshan Radio Company
LBZT52MB3V6T1G LRC-LBZT52MB3V6T1G Datasheet
324Kb / 4P
   Ideal for Surface Mountted Application
logo
Sangdest Microelectroni...
MB05F SMC-MB05F Datasheet
158Kb / 4P
   Designed for surface mount application
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com