Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSP8R2M8D2ATRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NSP8R2M8D2ATRF
Description  Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSP8R2M8D2ATRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NSP8R2M8D2ATRF Datasheet HTML 1Page - NIC-Components Corp. NSP8R2M8D2ATRF Datasheet HTML 2Page - NIC-Components Corp. NSP8R2M8D2ATRF Datasheet HTML 3Page - NIC-Components Corp. NSP8R2M8D2ATRF Datasheet HTML 4Page - NIC-Components Corp. NSP8R2M8D2ATRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
66
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NSP Series
NIC Part Number
(Reflow 240°C)
NIC Part Number
(Reflow 260°C)
WV
Cap.
Max. LC (
µA)
Tan
δ
Max. Ripple Current
+105°C & 100KHz (mA)
Max. ESR
+20°C & 100KHz (
Ω)
Height
H
(Vdc)
(
µF)
240°C
260°C
NSP680M4D2TRF
NSP680M4D2ATRF
4.0
68
16.3
27.2
0.06
2,500
0.018
1.8±0.1
NSP680M4D2XTRF
NSP680M4D2XATRF
68
16.3
27.2
0.06
2,700
0.015
1.8±0.1
NSP820M4D2TRF
NSP820M4D2ATRF
82
19.7
32.8
0.06
2,500
0.018
1.8±0.1
NSP820M4D2XTRF
NSP820M4D2XATRF
82
19.7
32.8
0.06
2,700
0.015
1.8±0.1
NSP820M4D2ZTRF
NSP820M4D2ZATRF
82
19.7
32.8
0.06
3,000
0.009
1.8±0.1
NSP820M4D6ZTRF
NSP820M4D6ZATRF
82
19.7
32.8
0.06
3,000
0.009
1.9±0.2
NSP101M4D2TRF
NSP101M4D2ATRF
100
24.0
40.0
0.06
1,800
0.025
1.8±0.1
NSP101M4D6ZTRF
NSP101M4D6ZATRF
100
24.0
40.0
0.06
3,000
0.009
1.9±0.2
NSP121M4D3TRF
NSP121M4D3ATRF
120
28.8
48.0
0.10
3,000
0.015
2.8±0.2
NSP121M4D3XTRF
NSP121M4D3XATRF
120
28.8
48.0
0.10
3,300
0.012
2.8±0.2
N/A
NSP151M4D6ATRF
150
-
60.0
0.06
2,700
0.015
1.9±0.2
NSP151M4D3TRF
NSP151M4D3ATRF
150
36.0
60.0
0.10
3,000
0.015
2.8±0.2
NSP151M4D3XTRF
NSP151M4D3XATRF
150
36.0
60.0
0.10
3,300
0.012
2.8±0.2
N/A
NSP151M4D3YATRF
150
-
60.0
0.10
3,400
0.009
2.8±0.2
NSP151M4D3ZTRF
NSP151M4D3ZATRF
150
36.0
60.0
0.10
3,500
0.007
2.8±0.2
NSP181M4D3TRF
NSP181M4D3ATRF
180
43.2
72.0
0.10
2,500
0.018
2.8±0.2
NSP181M4D4TRF
NSP181M4D4ATRF
180
43.2
72.0
0.10
3,300
0.012
4.2±0.1
N/A
NSP181M4D3YATRF
180
-
72.0
0.10
3,400
0.009
2.8±0.2
NSP181M4D4XTRF
NSP181M4D4XATRF
180
43.2
72.0
0.10
3,500
0.010
4.2±0.1
NSP221M4D4TRF
NSP221M4D4ATRF
220
52.8
88.0
0.10
3,300
0.012
4.2±0.1
NSP221M4D4XTRF
NSP221M4D4XATRF
220
52.8
88.0
0.10
3,500
0.010
4.2±0.1
N/A
NSP221M4D4YATRF
220
-
88.0
0.10
3,700
0.007
4.2±0.1
NSP221M4D4ZTRF
NSP221M4D4ZATRF
220
52.8
88.0
0.10
4,000
0.005
4.2±0.1
NSP271M4D4TRF
NSP271M4D4ATRF
270
52.8
108.0
0.10
3,300
0.012
4.2±0.1
N/A
NSP271M4D4YATRF
270
-
108.0
0.10
3,700
0.007
4.2±0.1
N/A
NSP331M4D4ATRF
330
-
132.0
0.10
3,300
0.012
4.2±0.1
NSP100M6.3D2TRF
NSP100M6.3D2ATRF
6.3
10
3.0
6.3
0.06
1,400
0.055
1.8±0.1
NSP220M6.3D2TRF
NSP220M6.3D2ATRF
22
5.5
13.9
0.06
1,600
0.040
1.8±0.1
NSP330M6.3D5TRF
N/A
33
8.3
20.8
0.06
2,000
0.028
1.1±0.1
NSP330M6.3D2TRF
NSP330M6.3D2ATRF
33
8.3
20.8
0.06
2,000
0.028
1.8±0.1
NSP470M6.3D2TRF
NSP470M6.3D2ATRF
47
11.8
29.6
0.06
2,500
0.018
1.8±0.1
NSP470M6.3D2XTRF NSP470M6.3D2XATRF
47
11.8
29.6
0.06
2,700
0.015
1.8±0.1
NSP560M6.3D2ZTRF
N/A
56
14.1
-
0.06
3,000
0.009
1.8±0.1
NSP680M6.3D2TRF
NSP680M6.3D2ATRF
68
17.1
42.8
0.06
2,500
0.018
1.8±0.1
NSP680M6.3D2XTRF NSP680M6.3D2XATRF
68
17.1
42.8
0.06
2,700
0.015
1.8±0.1
NSP680M6.3D6ZTRF
N/A
68
17.1
-
0.06
3,000
0.009
1.9±0.2
N/A
NSP101M6.3D6ATRF
68
-
63.0
0.06
2,700
0.015
1.9±0.2
NSP101M6.3D3TRF
NSP101M6.3D3ATRF
100
25.2
63.0
0.10
3,000
0.015
2.8±0.2
NSP101M6.3D3XTRF NSP101M6.3D3XATRF
100
25.2
63.0
0.10
3,300
0.012
2.8±0.2
NSP121M6.3D3TRF
NSP121M6.3D3ATRF
120
30.2
75.6
0.10
3,000
0.015
2.8±0.2
NSP121M6.3D3XTRF NSP121M6.3D3XATRF
120
30.2
75.6
0.10
3,300
0.012
2.8±0.2
NSP121M6.3D3ZTRF
N/A
120
30.2
-
0.10
3,500
0.007
2.8±0.2
NSP151M6.3D3TRF
NSP151M6.3D3ATRF
150
37.8
94.5
0.10
2,500
0.018
2.8±0.2
NSP151M6.3D4TRF
NSP151M6.3D4ATRF
150
37.8
94.5
0.10
3,300
0.012
4.2±0.1
NSP151M6.3D4XTRF NSP151M6.3D4XATRF
150
37.8
94.5
0.10
3,500
0.010
4.2±0.1
NSP181M6.3D4TRF
NSP181M6.3D4ATRF
180
45.4
113.4
0.10
3,300
0.012
4.2±0.1
NSP181M6.3D4XTRF NSP181M6.3D4XATRF
180
45.4
113.4
0.10
3,500
0.010
4.2±0.1
NSP181M6.3D4ZTRF
N/A
180
45.4
-
0.10
4,000
0.005
4.2±0.1
NSP221M6.3D4TRF
NSP221M6.3D4ATRF
220
55.4
138.6
0.10
3,000
0.015
4.2±0.1
NSP8R2M8D2TRF
NSP8R2M8D2ATRF
8.0
8.2
3.0
6.3
0.06
1,400
0.055
1.8±0.1
NSP150M8D2TRF
NSP150M8D2ATRF
15
4.8
12.0
0.06
1,600
0.040
1.8±0.1
NSP220M8D5TRF
N/A
22
7.0
-
0.06
2,000
0.028
1.1±0.1
NSP220M8D2TRF
NSP220M8D2ATRF
22
7.0
17.6
0.06
2,000
0.028
1.8±0.1
NSP330M8D2TRF
NSP330M8D2ATRF
33
10.5
26.4
0.06
2,500
0.018
1.8±0.1
NSP470M8D2TRF
NSP470M8D2ATRF
47
15.0
37.6
0.06
1,800
0.025
1.8±0.1
NSP680M8D3TRF
NSP680M8D3ATRF
68
21.7
54.4
0.10
3,000
0.015
2.8±0.2
NSP101M8D3TRF
NSP101M8D3ATRF
100
32.0
80.0
0.10
2,500
0.018
2.8±0.2
NSP101M8D4TRF
NSP101M8D4ATRF
100
32.0
80.0
0.10
3,300
0.012
4.2±0.1
NSP151M8D4TRF
NSP151M8D4ATRF
150
48.0
120.0
0.10
3,000
0.015
4.2±0.1
Surface Mount Specialty Polymer Solid Aluminum
Electrolytic Capacitors


Similar Part No. - NSP8R2M8D2ATRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP8R2M8D2ATRF NIC-NSP8R2M8D2ATRF Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
More results

Similar Description - NSP8R2M8D2ATRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NPC NIC-NPC_14 Datasheet
103Kb / 4P
   Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECG-C0JB220R PANASONIC-ECG-C0JB220R Datasheet
349Kb / 4P
   Specialty Polymer Aluminum Electrolytic Capacitors/CB
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com