Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP03YS101 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # NCP03YS101
Description  for Surface Mounting Application
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP03YS101 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button NCP03YS101 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP03YS101 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP03YS101 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP03YS101 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP03YS101 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP03YS101 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP03YS101 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP03YS101 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP03YS101 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Popular Applications of Chip NTC
More Popular Applications of Chip NTCs
LCD
Power Amplifier
Battery Pack (Li-Ion / Ni MH)
V ref
Ground
LCD
Controller
Vcc
to Antenna
Thermal
Connection
PA
Module
AGC
Amp.
ROM
Li-lon
Thermal
Connection
FET
FET
IC
NTC
Ni MH
Thermal
Connection
PTC
NTC
LCD Contrast control.
Drive voltage is
compensated utilizing
NTC’s temperature
signal.
High resistance values
generally required,
typically
33k ohms to
470k ohms
Temperature
compensation of
power amplifier (PA)
module.
Ambient temperature
detection of charging time.
Detection of battery cell
heating in abnormal
circumstances.
47k ohm
±5%
10k ohm
±5%
10k ohm
±1% …etc.
LCD TV
VCR Camera
CD Auto Changer
Printer
Personal Computer
Mobile Phone
Pager
Portable CD
Player
Headphone Stereo
Mini Disk Player
Rechargeable Battery
Cassette & Tuner
NCP15
(0402
size)
NCP15
(0402
size)
NCP18
(0603
size)
NCP18
(0603
size)
NCP21
(0805
size)
NCP21
(0805
size)
A lead of
mechanical
pencil
(0.5mm dia.)
NCP03
(0201
size)
NCP03
(0201
size)
HDD
Digital
Camera
PDA
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R01E.pdf
06.1.25


Similar Part No. - NCP03YS101

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03YS10105RL MURATA-NCP03YS10105RL Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
NCP03YS10105RL MURATA-NCP03YS10105RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03YS101J05RL MURATA-NCP03YS101J05RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP03YS101

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
FSM11 DGNJDZ-FSM11 Datasheet
106Kb / 2P
   For Surface Mount Application
logo
First Silicon Co., Ltd
RS1A FS-RS1A Datasheet
347Kb / 2P
   For surface mounted application
logo
Leshan Radio Company
LBZT52C2V4T1G LRC-LBZT52C2V4T1G Datasheet
639Kb / 3P
   Ideal for Surface Mountted Application
logo
Sangdest Microelectroni...
FTB6F-15FP SMC-FTB6F-15FP Datasheet
155Kb / 4P
   Designed for Surface Mount Application
logo
Leshan Radio Company
LBZT52MB3V6T1G LRC-LBZT52MB3V6T1G Datasheet
324Kb / 4P
   Ideal for Surface Mountted Application
logo
Sangdest Microelectroni...
MB05F SMC-MB05F Datasheet
158Kb / 4P
   Designed for surface mount application
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com