Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP03XC151 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # NCP03XC151
Description  for Surface Mounting Application
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP03XC151 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  NCP03XC151 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NCP03XC151 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP03XC151 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP03XC151 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP03XC151 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP03XC151 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP03XC151 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP03XC151 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP03XC151 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Markets & Applications of Overheat Sensing
PRG18/21 Series Chip POSISTORr for Overcurrent Prevention
PRG Series Characteristics
Temperature Fuse
---
---
---
---
Temperature Fuse
---
Temperature Fuse
---
---
NTC Thermistor
---
---
---
---
---
PRF
PC Server
TV Game
Video Camera
Lighting
Power Supply
Car Audio
Audio
Air Conditioner
Refrigerator
PPC/Printer
Copy Machine
Power Supply
LCD
AC Adapter
DC-DC Converter
AC Adapter
AC Adapter
Dimmer
DC-DC Converter
AMP
LCD
AMP
DC Brushless Motor
DC Brushless Motor
DC Brushless Motor
Lamp
Overheat Sensing of FET
Overheat Sensing of Power Supply
Overheat Sensing for Inverter Module of Backlight
Overheat Sensing of FET
Overheat Sensing of Case
Overheat Sensing of FET
Overheat Sensing of FET
Overheat Sensing of PCB
Overheat Sensing of Power Tr
Overheat Sensing of FET
Overheat Sensing of Power Hybrid IC
Overheat Sensing of Case
Overheat Sensing for Inverter of Backlight
Overheat Sensing of Power Hybrid IC
Overheat Sensing of Power Hybrid IC
Current Limitation & Overheat Sensing of Driver IC
Overheat Sensing of Driver IC
Overheat Sensing of Driver IC
Overheat Sensing of Lamp Starter Circuit
<Set PTC Used>
<Function of PRF>
<Competitive Device>
Chip THERMISTORS prevent failure of apparatus due
to excess current.
1. 0603 and 0805 light weight
2. High gain simplifies circuit design
3. Free of contact noise and problems
4. Pb free plated terminations.
5. Sturdy construction resists mechanical
vibration and shock.
Ratings - Lead Free Terminations
Load
Part Number
PRG21BC0R2MM1RA
PRG21BC4R7MM1RA
PRG21BC6R8MM1RA
PRG21BB150MB1RK
PRG21BB220MB1RK
PRG18BB330MB1RB
PRG18BB470MB1RB
PRG18BB101MB1RB
PRG18BB221MB1RB
PRG18BB471MB1RB
0.20 ohm
±20%
4.7 ohm
±20%
6.8 ohm
±20%
15 ohm
±20%
22 ohm
±20%
33 ohm
±20%
47 ohm
±20%
100 ohm
±20%
220 ohm
±20%
470 ohm
±20%
6VDC
20VDC
20VDC
24VDC
10A
5A
3.5A
1.6A
1.1A
350mA
300mA
200mA
90mA
40mA
500mA
100mA
80mA
40mA
30mA
25mA
20mA
15mA
10mA
7mA
2000mA
400mA
320mA
140mA
110mA
85mA
75mA
55mA
35mA
25mA
Resistance
(at +25
°C)
Maximum
Voltage
Maximum
Current
Non-operating
Current (at +60
°C)
Operating
Current (at -10
°C)
PTC
PTC
New
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R01E.pdf
06.1.25


Similar Part No. - NCP03XC151

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03XH10305RL MURATA-NCP03XH10305RL Datasheet
1Mb / 44P
   NTC Thermistors
NCP03XH10305RL MURATA-NCP03XH10305RL Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03XH10305RL MURATA-NCP03XH10305RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03XH10305RL MURATA-NCP03XH10305RL Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
NCP03XH10305RL MURATA-NCP03XH10305RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP03XC151

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
FSM11 DGNJDZ-FSM11 Datasheet
106Kb / 2P
   For Surface Mount Application
logo
First Silicon Co., Ltd
RS1A FS-RS1A Datasheet
347Kb / 2P
   For surface mounted application
logo
Leshan Radio Company
LBZT52C2V4T1G LRC-LBZT52C2V4T1G Datasheet
639Kb / 3P
   Ideal for Surface Mountted Application
logo
Sangdest Microelectroni...
FTB6F-15FP SMC-FTB6F-15FP Datasheet
155Kb / 4P
   Designed for Surface Mount Application
logo
Leshan Radio Company
LBZT52MB3V6T1G LRC-LBZT52MB3V6T1G Datasheet
324Kb / 4P
   Ideal for Surface Mountted Application
logo
Sangdest Microelectroni...
MB05F SMC-MB05F Datasheet
158Kb / 4P
   Designed for surface mount application
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com