Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL7603PD Datasheet(PDF) 3 Page - NEC

Part # NDL7603PD
Description  1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7603PD Datasheet(HTML) 3 Page - NEC

  NDL7603PD Datasheet HTML 1Page - NEC NDL7603PD Datasheet HTML 2Page - NEC NDL7603PD Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NDL7603P SERIES
LONGITUDINAL MODE FROM FIBER
Wavelength,
λ (nm)
TYPICAL PERFORMANCE CURVES (TC = 25°C unless otherwise specified)
1300
1310
1320
10
0
-10
-20
-30
-40
-50
-60
-70
PACKAGE DIMENSIONS (Units in mm)
Optical Fiber
SM-9/125
Length: 1 m
φ7±0.2
φ6±0.1
15
5
φ0.45±0.05
φ0.9
φ3.2±0.25
Optical Fiber
SM-9/125
Length: 1 m
φ7±0.2
φ6±0.1
12.7
±0.2
17.0
±0.2
15
5
φ0.45±0.05
φ0.9
φ3.2±0.25
φ2.2 (2 places)
Optical Fiber
SM-9/125
Length: 1 m
φ7±0.2
15
5
φ0.9
φ3.2±0.25
0.5
±0.2
0.3
0.3
φ0.45±0.05
(4 places)
PD
CASE
LD
P.C.D. =
φ2
4
1
3
2
φ7±0.2
43
12
PD
CASE
LD
P.C.D. =
φ2
4
1
3
2
43
12
1.0
±0.1
4
3
2
1
φ2.5 (2 places)
P.C.D. =
φ2
16.0
12
±0.15
φ16
PD
LD
4
3
2
1
Case
PIN CONNECTIONS
PIN CONNECTIONS
PIN CONNECTIONS
NDL7603P
NDL7603P1
NDL7603P2
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
4/11/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - NDL7603PD

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7603PD NEC-NDL7603PD Datasheet
74Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
logo
Renesas Technology Corp
NDL7603PD RENESAS-NDL7603PD Datasheet
198Kb / 10P
   LASER DIODE
1996
More results

Similar Description - NDL7603PD

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7705P NEC-NDL7705P_00 Datasheet
48Kb / 4P
   1500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7705P NEC-NDL7705P Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7603P NEC-NDL7603P Datasheet
74Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7620P NEC-NDL7620P_00 Datasheet
45Kb / 4P
   1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NDL7660P NEC-NDL7660P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7673P NEC-NDL7673P Datasheet
55Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NDL7670P NEC-NDL7670P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com