Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL7620P1 Datasheet(PDF) 1 Page - NEC

Part # NDL7620P1
Description  1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7620P1 Datasheet(HTML) 1 Page - NEC

  NDL7620P1 Datasheet HTML 1Page - NEC NDL7620P1 Datasheet HTML 2Page - NEC NDL7620P1 Datasheet HTML 3Page - NEC NDL7620P1 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1310 nm OPTICAL FIBER
COMMUNICATIONS InGaAsP
STRAINED MQW-DFB LASER DIODE
COAXIAL MODULE FOR 2.5 Gb/s
NDL7620P
SERIES
FEATURES
• PEAK EMISSION WAVELENGTH:
λP = 1310 nm
• HIGH SPEED RESPONSE:
tr = 40 ps
tf = 100 ps
• INTERNAL OPTICAL ISOLATOR
• InGaAs MONITOR PIN-PD
• WIDE OPERATING TEMPERATURE RANGE:
TC = 0 to +70
°C
λ/4 - PHASE-SHIFTED DFB
The NDL7620P Series is a 1310 nm
λ/4-phase-shifted DFB
(Distributed Feed-Back) laser diode coaxial module with inter-
nal optical isolator. Newly developed strained Multiple
Quantum Well (st-MQW) structure is adopted to achieve
stable dynamic single longitudinal mode operation over a wide
temperature range of 0 to +70
°C. It is designed for STM-16
applications.
DESCRIPTION
California Eastern Laboratories
Note:
Pf
(mW)
TC = 25
°C
(at Pf (25
°C) = 2 mW)
TC = 0 to +70
°C
2
0
Pf
Im
Im
Pf
1.
γ = 10 log
2mW
PART NUMBER
NDL7620P Series
PACKAGE OUTLINE
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, Pf = 2 mW, TC = 25
°C
V
0.9
1.4
Pf
Optical Output Power from Fiber, IF = ITH + 40 mA
mW
2.0
ITH
Threshold Current
mA
45
ηd
Differential Efficiency from Fiber, Pf = 2 mW
W/A
0.05
∆ηd
Temperature Dependence of Differential Efficiency
dB
-3.5
-2.5
from Fiber,
∆ηd = 10 log
λp
Peak Emission Wavelength, Pf = 1 mW, Ib = ITH,
nm
1290
1310
1330
2.5 G/s-NRZ, PN 1/2
SMSR
Side Mode Suppression Ratio, Pf = 1 mW, Ib = ITH,dB
30
40
2.5 G/s-NRZ, PN 1/2
tr
Rise Time, 10-90%, Ib = 0.9 x Ith
ps
40
125
tf
Fall Time, 90-10%, Ib = 0.9 X Ith
ps
100
200
Im
Monitor Current, VR = 5 V, Pf = 2 mW
µA
50
2000
ID
Monitor Dark Current, VR = 5 V, TC = 25
°C
nA
0.5
5.0
Ct
Monitor PD Terminal Capacitance, VR = 5 V
pF
1.0
1.5
γ1
Tracking Error, Im = const.
dB
1.0
ELECTRO-OPTICAL CHARACTERISTICS (TC = 0 to +70 °C, unless otherwise specified)
ηd (TC = 70° C)
ηd (TC = 25° C)


Similar Part No. - NDL7620P1

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7620P1 NEC-NDL7620P1 Datasheet
71Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
logo
Renesas Technology Corp
NDL7620P1 RENESAS-NDL7620P1 Datasheet
202Kb / 10P
   LASER DIODE
1996
logo
NEC
NDL7620P1C NEC-NDL7620P1C Datasheet
71Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
logo
Renesas Technology Corp
NDL7620P1C RENESAS-NDL7620P1C Datasheet
202Kb / 10P
   LASER DIODE
1996
logo
NEC
NDL7620P1D NEC-NDL7620P1D Datasheet
71Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
More results

Similar Description - NDL7620P1

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7620P NEC-NDL7620P Datasheet
71Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
NDL7603P NEC-NDL7603P_00 Datasheet
35Kb / 3P
   1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7705P NEC-NDL7705P_00 Datasheet
48Kb / 4P
   1500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NDL7705P NEC-NDL7705P Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7603P NEC-NDL7603P Datasheet
74Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
logo
California Eastern Labs
NX8311UD CEL-NX8311UD Datasheet
459Kb / 9P
   1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
NEC
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
logo
California Eastern Labs
NX6307 CEL-NX6307 Datasheet
401Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com