Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBF4392 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMBF4392
Description  N-channel FETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBF4392 Datasheet(HTML) 5 Page - NXP Semiconductors

  PMBF4392 Datasheet HTML 1Page - NXP Semiconductors PMBF4392 Datasheet HTML 2Page - NXP Semiconductors PMBF4392 Datasheet HTML 3Page - NXP Semiconductors PMBF4392 Datasheet HTML 4Page - NXP Semiconductors PMBF4392 Datasheet HTML 5Page - NXP Semiconductors PMBF4392 Datasheet HTML 6Page - NXP Semiconductors PMBF4392 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
April 1995
5
Philips Semiconductors
Product specification
N-channel FETs
PMBF4391; PMBF4392;
PMBF4393
Fig.3 Test circuit.
handbook, halfpage
MBK289
50
RL
DUT
10
µF
1
µF
VDD
10 nF
50
SAMPLING
SCOPE
50
Pulse generator:
tr
<
0.5 ns
tf
<
0.5 ns
tp
=
100
µs
δ
=
0.01
Oscilloscope:
Ri
=50
Fig.4 Power derating curve.
handbook, halfpage
0
Tamb (°C)
Ptot
(mW)
300
200
100
0
40
200
80
120
160
MDA245


Similar Part No. - PMBF4392

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBF4392 NXP-PMBF4392 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - PMBF4392

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR56 PHILIPS-BSR56 Datasheet
37Kb / 6P
   N-channel FETs
April 1991
PMBFJ108 PHILIPS-PMBFJ108 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
BF861A PHILIPS-BF861A Datasheet
102Kb / 12P
   N-channel junction FETs
1997 Sep 04
logo
Quanzhou Jinmei Electro...
BF861 JMNIC-BF861_15 Datasheet
91Kb / 12P
   N-channel junction FETs
logo
NXP Semiconductors
PMBFJ111 PHILIPS-PMBFJ111 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
logo
New Jersey Semi-Conduct...
BFW12 NJSEMI-BFW12 Datasheet
87Kb / 3P
   N-CHANNEL SILICON FETS
logo
Quanzhou Jinmei Electro...
BF861_2015 JMNIC-BF861_2015 Datasheet
91Kb / 12P
   N-channel junction FETs
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
   N-Channel Lateral DMOS FETs
logo
New Jersey Semi-Conduct...
MTM55N08 NJSEMI-MTM55N08 Datasheet
93Kb / 1P
   N-CHANNEL TWOS POWER FETs
logo
Shanghai Leiditech Elec...
LM2302 LEIDITECH-LM2302 Datasheet
385Kb / 3P
   N-Channel Enhancement-ModeMOS FETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com