Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL7705P1C Datasheet(PDF) 3 Page - NEC

Part # NDL7705P1C
Description  1500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7705P1C Datasheet(HTML) 3 Page - NEC

  NDL7705P1C Datasheet HTML 1Page - NEC NDL7705P1C Datasheet HTML 2Page - NEC NDL7705P1C Datasheet HTML 3Page - NEC NDL7705P1C Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NDL7705P SERIES
LONGITUDINAL MODE FROM FIBER
Time Base (500 ps/div.)
TYPICAL PERFORMANCE CURVES (TC = 25°C, unless otherwise specified)
EYE DIAGRAM
10
1560.4
1550.4
1540.4
-70
-60
-50
-40
-30
-20
-10
0
622 Mb/s-NRZ, Ref = -14dB,
2 Vp-p (6 dB ATT), IB = ITH X 0.9
TEMPERATURE DEPENDENCE OF
DIFFERENTIAL EFFICIENCY FROM FIBER
Wavelength,
λ (nm)
TEMPERATURE DEPENDENCE OF
PEAK EMISSION WAVELENGTH
0.18
0.12
0.06
0.00
-60
100
80
60
40
20
0
-20
-40
1560
1550
1540
-60
100
80
60
40
20
0
-20
-40
1555
1545
ERROR RATE CHARACTERISTICS
back to back
after 200 km
TC = -40
°C,
Ref = -14 dB,
622 Mbps-NRZ,
2 Vp-p,
IB = ITH X 0.9
10
-6
-34
-35
-36
-37
-38
-39
-40
10
-12
10
-11
10
-10
10
-9
10
-8
10
-7
-33
back to back
after 200 km
TC = 25
°C,
Ref = -14 dB,
622 Mbps-NRZ,
2 Vp-p,
IB = ITH X 0.9
10
-6
-34
-35
-36
-37
-38
-39
-40
10
-12
10
-11
10
-10
10
-9
10
-8
10
-7
-33
back to back
after 200 km
TC = 85
°C,
Ref = -14 dB,
622 Mbps-NRZ,
2 Vp-p,
IB = ITH X 0.9
10
-6
-34
-35
-36
-37
-38
-39
-40
10
-12
10
-11
10
-10
10
-9
10
-8
10
-7
-33
Case Temperature, TC (
°C)
Case Temperature, TC (
°C)
Average Received Power, P (dBm)


Similar Part No. - NDL7705P1C

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7705P1C NEC-NDL7705P1C Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
logo
Renesas Technology Corp
NDL7705P1C RENESAS-NDL7705P1C Datasheet
214Kb / 10P
   LASER DIODE
1996
More results

Similar Description - NDL7705P1C

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7603P NEC-NDL7603P_00 Datasheet
35Kb / 3P
   1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7705P NEC-NDL7705P Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7603P NEC-NDL7603P Datasheet
74Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NDL7620P NEC-NDL7620P_00 Datasheet
45Kb / 4P
   1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7620P NEC-NDL7620P Datasheet
71Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
logo
California Eastern Labs
NX8304BE-CC CEL-NX8304BE-CC Datasheet
105Kb / 5P
   InGaAsP MQW-DFB LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
logo
NEC
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com