Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL7705P1C Datasheet(PDF) 4 Page - NEC

Part # NDL7705P1C
Description  1500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7705P1C Datasheet(HTML) 4 Page - NEC

  NDL7705P1C Datasheet HTML 1Page - NEC NDL7705P1C Datasheet HTML 2Page - NEC NDL7705P1C Datasheet HTML 3Page - NEC NDL7705P1C Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NDL7705P SERIES
NDL7705P1
NDL7705P
NDL7705P2
OUTLINE DIMENSIONS (Units in mm)
PART NUMBER
AVAILABLE CONNECTOR
DESCRIPTION
NDL7705P
Without Connector
NDL7705PC
With FC-PC Connector
NDL7705PD
With SC-PC Connector
NDL7705P1
Without Connector
NDL7705P1C
With FC-PC Connector
NDL7705P1D
With SC-PC Connector
NDL7705P2
Without Connector
NDL7705P2C
With FC-PC Connector
NDL7705P2D
With SC-PC Connector
ORDERING INFORMATION
3.4
±0.8
Optical Fiber
SM-9/125
Length: 1 m
φ7±0.2
φ3.2±0.25
φ0.45±0.05
φ0.9
φ6±0.1
PD
CASE
LD
P.C.D. =
φ2
4.6
±0.8
27.8
±1.0
20
±1.0
4
1
3
2
φ7±0.2
43
12
15
8.2
3.7
±0.3
2.0
±0.2
4.0
±0.2
φ7±0.2
Optical Fiber
SM-9/125
Length: 1 m
15
8.2
φ3.2±0.25
2
±φ2.2
φ0.45±0.05
φ0.9
φ6±0.1
PD
CASE
1.0
±0.1
LD
P.C.D. =
φ2
27.8
±1.0
20
±1.0
12.7
±0.2
17.0
±0.2
4
1
3
2
43
12
7.2
±0.3
φ7±0.2
0.5
±0.2
Optical Fiber
SM-9/125
Length: 1 m
15
8.2
0.3
φ3.2±0.25
4-
φ0.45±0.05
φ0.9
PD
CASE
φ16
LD
P.C.D. =
φ2
2-
φ2.5
28.1
±1.0
19.5
±1.0
2.5
±1.0
4
1
3
2
12
±0.15
16.0
7
±0.2
4
3
1
2
0.3
Flat
Mount
Flange
Vertical
Flange
No Flange
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
03/15/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - NDL7705P1C

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7705P1C NEC-NDL7705P1C Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
logo
Renesas Technology Corp
NDL7705P1C RENESAS-NDL7705P1C Datasheet
214Kb / 10P
   LASER DIODE
1996
More results

Similar Description - NDL7705P1C

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7603P NEC-NDL7603P_00 Datasheet
35Kb / 3P
   1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7705P NEC-NDL7705P Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7603P NEC-NDL7603P Datasheet
74Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NDL7620P NEC-NDL7620P_00 Datasheet
45Kb / 4P
   1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7620P NEC-NDL7620P Datasheet
71Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
logo
California Eastern Labs
NX8304BE-CC CEL-NX8304BE-CC Datasheet
105Kb / 5P
   InGaAsP MQW-DFB LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
logo
NEC
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com