Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBF5484 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMBF5484
Description  N-channel field-effect transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBF5484 Datasheet(HTML) 2 Page - NXP Semiconductors

  PMBF5484 Datasheet HTML 1Page - NXP Semiconductors PMBF5484 Datasheet HTML 2Page - NXP Semiconductors PMBF5484 Datasheet HTML 3Page - NXP Semiconductors PMBF5484 Datasheet HTML 4Page - NXP Semiconductors PMBF5484 Datasheet HTML 5Page - NXP Semiconductors PMBF5484 Datasheet HTML 6Page - NXP Semiconductors PMBF5484 Datasheet HTML 7Page - NXP Semiconductors PMBF5484 Datasheet HTML 8Page - NXP Semiconductors PMBF5484 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
April 1995
2
Philips Semiconductors
Product specification
N-channel field-effect transistors
PMBF5484;
PMBF5485; PMBF5486
FEATURES
• Low noise
• Interchangeability of drain and
source connections
• High gain.
DESCRIPTION
N-channel, symmetrical, silicon
junction FETs in a surface-mountable
SOT23 envelope. Intended for use in
VHF/UHF amplifiers, oscillators and
mixers.
PINNING - SOT23
MARKING CODES:
PIN
DESCRIPTION
1
source
2
drain
3
gate
PMBF5484: p6B
PMBF5485: p6M
PMBF5486: p6H
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source
voltage
25
V
IDSS
drain current
VDS = 15 V; VGS = 0
PMBF5484
1
5
mA
PMBF5485
4
10
mA
PMBF5486
8
20
mA
Ptot
total power
dissipation
up to Tamb = 25 °C
250
mW
VGS(off)
gate-source cut-off
voltage
VDS = 15 V;
ID = 1 nA
PMBF5484
−0.3
−3V
PMBF5485
−0.5
−4V
PMBF5486
−2
−6V
 Y
fs
common source
transfer admittance
VDS = 15 V;
VGS = 0; f = 1 kHz
PMBF5484
3
6
mS
PMBF5485
3.5
7
mS
PMBF5486
4
8
mS
Fig.1 Simplified outline and symbol.
handbook, halfpage
12
g
d
s
3
Top view
MAM385


Similar Part No. - PMBF5484

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBF107 PHILIPS-PMBF107 Datasheet
70Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
PMBF170 PHILIPS-PMBF170 Datasheet
56Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
Nexperia B.V. All right...
PMBF170 NEXPERIA-PMBF170 Datasheet
379Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 03 - 23 June 2000
logo
NXP Semiconductors
PMBF4391 PHILIPS-PMBF4391 Datasheet
40Kb / 7P
   N-channel FETs
April 1995
PMBF4391 NXP-PMBF4391 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - PMBF5484

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBFJ210 PHILIPS-PMBFJ210 Datasheet
100Kb / 12P
   N-channel field-effect transistors
1997 Dec 01
logo
Quanzhou Jinmei Electro...
BFR30-31_2015 JMNIC-BFR30-31_2015 Datasheet
83Kb / 12P
   N-channel field-effect transistors
BFR30-31 JMNIC-BFR30-31_15 Datasheet
83Kb / 12P
   N-channel field-effect transistors
logo
New Jersey Semi-Conduct...
2N4445 NJSEMI-2N4445 Datasheet
69Kb / 1P
   N-Channel Field Effect Transistors
logo
NXP Semiconductors
BFR30 PHILIPS-BFR30 Datasheet
93Kb / 12P
   N-channel field-effect transistors
1997 Dec 05
J210 PHILIPS-J210 Datasheet
100Kb / 12P
   N-channel field-effect transistors
1997 Dec 01
logo
List of Unclassifed Man...
SO4393 ETC1-SO4393 Datasheet
33Kb / 1P
   N CHANNEL FIELD EFFECT TRANSISTORS
logo
NXP Semiconductors
BC264A PHILIPS-BC264A Datasheet
294Kb / 6P
   N-CHANNEL SILICON FIELD-EFFECT TRANSISTORS
December 1990
BF510 PHILIPS-BF510 Datasheet
37Kb / 7P
   N-channel silicon field-effect transistors
December 1997
logo
Siemens Semiconductor G...
BF246A SIEMENS-BF246A Datasheet
127Kb / 6P
   N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com