Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE662M04-T2-A Datasheet(PDF) 4 Page - California Eastern Labs

Part # NE662M04-T2-A
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE662M04-T2-A Datasheet(HTML) 4 Page - California Eastern Labs

  NE662M04-T2-A Datasheet HTML 1Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 2Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 3Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 4Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 5Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 6Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 7Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 8Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NE662M04
TYPICAL PERFORMANCE CURVES (TA = 25˚C)
Base to Emitter Voltage, VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Ambient Temperature, TA (°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
200
150
100
50
250
0
1
25
75
100
125
150
50
Free Air
Mounted on a Ceramic Substrate
Infinite Heatsink
40
30
20
10
50
0
200
600
800
1000
1200
400
VCE = 2 V
Collector Current, IC (mA)
Collector Current, lC (mA)
GAIN BANDWIDTH vs.
COLLECTOR CURRENT
DC CURRENT GAIN vs.
COLLECTOR CURRENT
20
15
10
5
25
0
1
5
20
25
30
35
10
VCE = 2 V
VCE = 1 V
.1
1
2
3
5
7
10
20 30
50
40
30
20
60
70
80
90
100
110
120
VCE = 2 V
Collector to Emitter Voltage, VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
30
20
0
10
0
1.0
2.0
3.0
3.5
355
µA
305
µA
255
µA
205
µA
155
µA
105
µA
55
µA
IB = 5
µA
Collector to Emitter Voltage, VCE (V)
FEEDBACK CAPACITANCE vs.
COLLECTOR TO EMITTER VOLTAGE
0.40
0.30
0.20
0.10
0.50
0
1.0
3.0
4.0
5.0
2.0
Freq. = 1 MHz


Similar Part No. - NE662M04-T2-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE662M04-T2 NEC-NE662M04-T2 Datasheet
93Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE662M04-T2-A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com