Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE662M04-T2-A Datasheet(PDF) 1 Page - California Eastern Labs

Part # NE662M04-T2-A
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE662M04-T2-A Datasheet(HTML) 1 Page - California Eastern Labs

  NE662M04-T2-A Datasheet HTML 1Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 2Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 3Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 4Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 5Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 6Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 7Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 8Page - California Eastern Labs NE662M04-T2-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NPN SILICON RF TRANSISTOR
NE662M04
NPN SILICON HIGH
FREQUENCY TRANSISTOR
M04
HIGH GAIN BANDWIDTH: fT = 25 GHz
LOW NOISE FIGURE: NF = 1.1 dB at 2 GHz
HIGH MAXIMUM STABLE GAIN: 20 dB at f = 2 GHz
NEW LOW PROFILE M04 PACKAGE:
• SOT-343 footprint, with a height of just 0.59 mm
• Flat Lead Style for better RF performance
FEATURES
DESCRIPTION
NEC's NE662M04 is fabricated using NEC's UHS0 25 GHz fT wafer process. With a typical transition frequency of 25 GHz the
NE662M04 is usable in applications from 100 MHz to 10 GHz. The NE662M04 provides excellent low voltage/low current
performance.
NEC's new low profile/flat lead style "M04" package is ideal for today's portable wireless applications. The NE662M04 is an ideal choice
for LNA and oscillator requirements in all mobile communication systems.
PART NUMBER
NE662M04
EIAJ1 REGISTERED NUMBER
2SC5508
PACKAGE OUTLINE
M04
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICBO
Collector Cutoff Current at VCB = 5V, IE = 0
nA
200
IEBO
Emitter Cutoff Current at VEB = 1 V, IC = 0
nA
200
hFE
Forward Current Gain2 at VCE = 2 V, IC = 5 mA
50
70
100
fT
Gain Bandwidth at VCE = 3 V, IC = 30 mA, f = 2 GHz
GHz
20
25
MAG
Maximum Available Power Gain4 at VCE = 2 V, IC = 20 mA, f = 2 GHz
dB
20
MSG
Maximum Stable Gain5 at VCE = 2 V, IC = 20 mA, f = 2 GHz
dB
20
|S21E|2
Insertion Power Gain at VCE = 2 V, IC = 20 mA, f = 2 GHz
dB
14
17
NF
Noise Figure at VCE = 2 V, IC = 5 mA, f = 2 GHz, ZIN = ZOPT
dB
1.1
1.5
P1dB
Output Power at 1 dB compression point at
VCE = 2 V, IC = 20 mA, f = 2 GHz
dBm
11
IP3
Third Order Intercept Point at VCE = 2 V, IC = 20 mA, f = 2 GHz
22
Cre
Feedback Capacitance3 at VCB = 2 V, IC = 0, f = 1 MHz
pF
0.18
0.24
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Notes:
1. Electronic Industrial Association of Japan.
2. Pulsed measurement, pulse width ≤ 350 µs, duty cycle ≤ 2 %.
3. Capacitance is measured by capacitance meter (automatic balance bridge method) when emitter pin is connected to the guard pin.
4. MAG =
5. MSG = S
21
S12
S21
S12 (
K-
)
(K
2 -1)
The information in this document is subject to change without notice. Before using this document, please confirm
that this is the latest version.
Date Published: June 22, 2005


Similar Part No. - NE662M04-T2-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE662M04-T2 NEC-NE662M04-T2 Datasheet
93Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE662M04-T2-A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com