Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE68118-T1-A Datasheet(PDF) 11 Page - California Eastern Labs

Part # NE68118-T1-A
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE68118-T1-A Datasheet(HTML) 11 Page - California Eastern Labs

Back Button NE68118-T1-A Datasheet HTML 7Page - California Eastern Labs NE68118-T1-A Datasheet HTML 8Page - California Eastern Labs NE68118-T1-A Datasheet HTML 9Page - California Eastern Labs NE68118-T1-A Datasheet HTML 10Page - California Eastern Labs NE68118-T1-A Datasheet HTML 11Page - California Eastern Labs NE68118-T1-A Datasheet HTML 12Page - California Eastern Labs NE68118-T1-A Datasheet HTML 13Page - California Eastern Labs NE68118-T1-A Datasheet HTML 14Page - California Eastern Labs NE68118-T1-A Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NE681 SERIES
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
NE68139
100
0.764
-28
17.806
156
0.002
53
0.944
-12
0.91
39.5
200
0.675
-55
15.233
138
0.008
70
0.855
-19
0.54
32.8
300
0.569
-76
12.659
126
0.018
61
0.734
-22
0.69
28.5
400
0.481
-94
10.620
116
0.025
59
0.698
-25
0.74
26.3
500
0.432
-110
8.886
107
0.035
59
0.602
-24
0.86
24.0
600
0.398
-120
7.696
102
0.043
58
0.589
-24
0.86
22.5
700
0.374
-133
6.888
97
0.046
59
0.530
-26
0.99
21.8
800
0.354
-141
6.073
93
0.056
59
0.522
-25
0.97
20.4
900
0.339
-152
5.422
88
0.055
60
0.493
-28
1.13
17.7
1000
0.332
-159
4.963
85
0.066
61
0.493
-25
1.05
17.4
1100
0.333
-166
4.576
81
0.069
62
0.488
-28
1.08
16.5
1200
0.343
-174
4.264
78
0.076
62
0.457
-27
1.09
15.7
1300
0.332
180
3.912
76
0.080
63
0.467
-29
1.12
14.8
1400
0.343
173
3.656
73
0.089
63
0.449
-29
1.09
14.3
1500
0.348
171
3.433
71
0.098
66
0.447
-29
1.06
13.9
2000
0.414
150
2.656
56
0.129
60
0.388
-40
1.04
11.9
3000
0.502
126
1.829
38
0.192
60
0.323
-63
1.00
9.8
4000
0.595
110
1.426
17
0.256
50
0.302
-95
0.88
7.5
5000
0.650
97
1.119
1
0.317
44
0.343 -126
0.83
5.5
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
VCE = 8 V, IC = 7 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)


Similar Part No. - NE68118-T1-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE68118-T1 NEC-NE68118-T1 Datasheet
218Kb / 20P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE68118-T1-A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com